Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
90
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h)
DC Servo 0
13
DCS_TRIG_SINGLE
_1
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
12
DCS_TRIG_SINGLE
_0
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
9
DCS_TRIG_SERIES
_1
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
8
DCS_TRIG_SERIES
_0
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
R85 (55h)
DC Servo 1
11:5
DCS_SERIES_NO_
01 [6:0]
010 1010
Number of DC Servo updates to
perform in a series event.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
3:0
DCS_TIMER_PERI
OD_01 [3:0]
1010
Time between periodic updates.
Time is calculated as
0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Table 57 DC Servo Active Modes
DC SERVO READBACK
The current DC offset value for each Headphone output channel can be read from Registers R89 and
R90, as described in Table 58. Note that these values may form the basis of settings that are
subsequently used by the DC Servo in DAC Write mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R89 (59h)
DC Servo
Readback 1
7:0
DCS_INTEG_CHAN
_1
0000 0000
Readback value for HPOUT1R.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
R90 (5Ah)
DC Servo
Readback 2
7:0
DCS_INTEG_CHAN
_0
0000 0000
Readback value for HPOUT1L.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Table 58 DC Servo Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com