Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 140 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 140 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 144Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
140
CONTROL WRITE SEQUENCER
The Control Write Sequencer is a programmable unit that forms part of the WM8993 control interface
logic. It provides the ability to perform a sequence of register write operations with the minimum of
demands on the host processor - the sequence may be initiated by a single operation from the host
processor and then left to execute independently.
Default sequences for Start-Up of each output driver and Shut-Down are provided (see “Default
Sequences” section). It is recommended that these default sequences are used unless changes
become necessary.
When a sequence is initiated, the sequencer performs a series of pre-defined register writes. The
host processor informs the sequencer of the start index of the required sequence within the
sequencer’s memory. At each step of the sequence, the contents of the selected register fields are
read from the sequencer’s memory and copied into the WM8993 control registers. This continues
sequentially through the sequencer’s memory until an “End of Sequence” bit is encountered; at this
point, the sequencer stops and an Interrupt status flag is asserted. For cases where the timing of the
write sequence is important, a programmable delay can be set for specific steps within the sequence.
Note that the Control Write Sequencer’s internal clock is derived from the internal clock CLK_SYS
which must be enabled by setting CLK_SYS_ENA (see “Clocking and Sample Rates”). The clock
division from CLK_SYS is handled transparently by the WM8993 without user intervention, as long
as CLK_SYS and sample rates are set correctly.
INITIATING A SEQUENCE
The Register fields associated with running the Control Write Sequencer are described in Table 93.
Note that the operation of the Control Write Sequencer also requires the internal clock CLK_SYS to
be enabled via the CLK_SYS_ENA (see “Clocking and Sample Rates”).
The Write Sequencer is enabled by setting the WSEQ_ENA bit. The start index of the required
sequence must be written to the WSEQ_START_INDEX field. Setting the WSEQ_START bit initiates
the sequencer at the given start index.
The Write Sequencer can be interrupted by writing a logic 1 to the WSEQ_ABORT bit.
The current status of the Write Sequencer can be read using two further register fields - when the
WSEQ_BUSY bit is asserted, this indicates that the Write Sequencer is busy. Note that, whilst the
Control Write Sequencer is running a sequence (indicated by the WSEQ_BUSY bit), normal
read/write operations to the Control Registers cannot be supported. The index of the current step in
the Write Sequencer can be read from the WSEQ_CURRENT_INDEX field; this is an indicator of the
sequencer’s progress. On completion of a sequence, this field holds the index of the last step within
the last commanded sequence.
When the Write Sequencer reaches the end of a sequence, it asserts the WSEQ_EINT flag in
Register R121 (see Table 70). This flag can be used to generate an Interrupt Event on completion of
the sequence. Note that the WSEQ_EINT flag is asserted to indicate that the WSEQ is NOT Busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com