Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 26Page - National Semiconductor (TI) DP83959 Datasheet HTML 27Page - National Semiconductor (TI) DP83959 Datasheet HTML 28Page - National Semiconductor (TI) DP83959 Datasheet HTML 29Page - National Semiconductor (TI) DP83959 Datasheet HTML 30Page - National Semiconductor (TI) DP83959 Datasheet HTML 31Page - National Semiconductor (TI) DP83959 Datasheet HTML 32Page - National Semiconductor (TI) DP83959 Datasheet HTML 33Page - National Semiconductor (TI) DP83959 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
9.0
Switching Characteristics (Continued)
www.national.com
9.5
TRANSMIT - 10BASE-T PORTS
Receive activity propagation start up and end delays 10BASE-T ports.
Note: /ACKI assumed high.
9.6
COLLISION - AUI PORT
Collision activity propagation start up and end delays for the AUI port.
9.6.1
Transmit Collisions
Note 1: TX collision extension has already been performed and no other port is driving /ANYXN.
Note 2: Includes TW2.
Number
Symbol
Parameter
Min
Max
Units
T15t
actnltxa
/ACTN Low to TX Active
790
ns
T16t
clkitxa
CLOCK in to TX Active
45
ns
Number
Symbol
Parameter
Min
Max
Units
T30a
T31a
cdaanyxnl
cdianyxnh
CD Active to /ANYXN Low
CD Inactive to /ANYXN High (Note 1,2)
85
285
ns
ns
/ A C T N
T X
T15 t
T16 t
CLOCK
/ A N Y X N
T30a
T31a
C D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com