Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) DP83959 Datasheet HTML 22Page - National Semiconductor (TI) DP83959 Datasheet HTML 23Page - National Semiconductor (TI) DP83959 Datasheet HTML 24Page - National Semiconductor (TI) DP83959 Datasheet HTML 25Page - National Semiconductor (TI) DP83959 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
www.national.com
6.0
LERIC8 Registers
6.1
REGISTER ADDRESS MAP
The LERIC8's register address map is shown below. Since
the data path is only a nibble wide interface, each register
has two addresses, with the most significant address bit
(RA4) used to select either the lower or upper nibble of the
register byte information. Each byte wide register can be
thought of as having data bits D[7:0], so that for the lower nib-
ble bits D[3:0] are presented on D[3:0] respectively and for
the upper nibble, bits D[7:4] are presented on D[3:0] respec-
tively. Register descriptions in the following sections are giv-
en in the byte wide notation, D[7:0].
Address
RA[4:0]
(4 3210)
Register
0 0000
1 0000
LERIC8 Status - Lower Nibble
LERIC8 Status - Upper Nibble
0 0001
1 0001
Port0 (AUI) Status/Config - Lower Nibble
Port0 (AUI) Status/Config - Upper Nibble
0 0010
1 0010
Port1 Status/Config - Lower Nibble
Port1 Status/Config - Upper Nibble
0 0011
1 0011
Port2 Status/Config - Lower Nibble
Port2 Status/Config - Upper Nibble
0 0100
1 0100
Port3 Status/Config - Lower Nibble
Port3 Status/Config - Upper Nibble
0 0101
1 0101
Port4 Status/Config - Lower Nibble
Port4 Status/Config - Upper Nibble
0 0110
1 0110
Port5 Status/Config - Lower Nibble
Port5 Status/Config - Upper Nibble
0 0111
1 0111
Port6 Status/Config - Lower Nibble
Port6 Status/Config - Upper Nibble
0 1000
1 1000
Port7 Status/Config - Lower Nibble
Port7 Status/Config - Upper Nibble
0 1001
1 1001
Port8 Status/Config - Lower Nibble
Port8 Status/Config - Upper Nibble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com