Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83959 Datasheet HTML 1Page - National Semiconductor (TI) DP83959 Datasheet HTML 2Page - National Semiconductor (TI) DP83959 Datasheet HTML 3Page - National Semiconductor (TI) DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
www.national.com
4.0
Pin Descriptions
Key to Pin Type:
4.1
AUI PORT (PORT 0)
4.2
TWISTED PAIR PORTS (PORTS 1 - 8)
O = TTL Compatible Output
I/O = TTL Compatible Input/Output
O (ECL) = ECL Compatible Output
I/O (O.D.) = TTL Compatible Input/Open Drain Output
I = TTL Compatible Input
TPO = Twisted Pair Interface Compatable Output
I (ECL) = ECL Compatible Input
TPI = Twisted Pair Interface Compatable Input
OZ = TTL Compatible TRI-STATE® Output
AI = Analog Input
O (O.D.) = Open Drain Output
Signal Name
Type
Pin #
Description
TX0+
O
(ECL)
68
AUI Transmit +: The AUI transmit path includes National Semiconductor's
patented low power dissipation differential drivers that do not need external load
resistors. This output should be connected directly to the AUI isolation transformer.
TX0-
O
(ECL)
69
AUI Transmit -: The AUI transmit path includes National Semiconductor's patented
low power dissipation differential drivers that do not need external load resistors.
This output should be connected directly to the AUI isolation transformer.
RX0+
I
(ECL)
72
AUI Receive +: This input should be terminated with 39
Ω to GND via a series DC
blocking capacitor (shared with RX0-). Refer to Figure 8.
RX0-
I
(ECL)
73
AUI Receive -: This input should be terminated with 39
Ω to GND via a series DC
blocking capacitor (shared with RX0+). Refer to Figure 8.
CD0+
I
(ECL)
70
AUI Collision Detect +: This input should be terminated with 39
Ω to GND via a
series DC blocking capacitor (shared with CD0-). Refer to Figure 8.
CD0-
I
(ECL)
71
AUI Collision Detect -: This input should be terminated with 39
Ω to GND via a
series DC blocking capacitor (shared with CD0+). Refer to Figure 8.
Signal Name
Type
Pin #
Description
REQ
AI
108
Equalization Resistor: A resistor connected between this pin and GND or VCC
adjusts the equalization step amplitude on the 10BASE-T Manchester encoded
transmit data for all eight 10BASE-T ports. No resistor is required for operation with
cable length of up to 100 meters.
RTX
AI
107
Extended Cable Resistor: A resistor connected between this pin and GND or VCC
adjusts the amplitude of the differential transmit outputs for all eight 10BASE-T
ports. No resistor is required for operation with cable length of up to 100 meters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com