Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 3Page - National Semiconductor (TI) DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
4.0
Pin Descriptions (Continued)
www.national.com
4.3
STATUS LED INTERFACE
All the DP83959's direct drive LED outputs can drive up to
14mA maximum. The LED outputs are intended to drive an
external LED with a series current limiting resistor. The Par-
tition/Link OK LED outputs can sink or source current and
are thus suitable for driving single or bi-color LEDs directly.
Bi-color LEDs can be connected between the A and B out-
puts (with series current limiting resistors) (see section
5.11).
The direct drive LED outputs are asserted during pow-
er-on/reset (either internal or external reset) and remain as-
serted for 1 second (nominal) following the trailing edge of
the internal/external reset signal. During the LED test at
power-on/reset, the Partition/Link OK 'A' outputs will all be
logic '1' and the 'B' outputs logic '0'.
DP83955/6 compatible LED drive outputs are only asserted
for the duration of the 1 second LED test following the trail-
ing edge of the internal/external reset (they are not asserted
during reset). The DP83955/6 compatible status LED
scheme
is
described
in
the
functional
description
(Section 5.13) as it requires external circuitry to latch the
status and drive the LEDs.
Signal Name
Type
Pin #
Description
P/L_1A
P/L_1B
O (14mA
max.)
6
9
Partition/Link OK LED 1 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_2A
P/L_2B
O (14mA
max.)
10
11
Partition/Link OK LED 2 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_3A
P/L_3B
O (14mA
max.)
12
13
Partition/Link OK LED 3 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_4A
P/L_4B
O (14mA
max.)
14
17
Partition/Link OK LED 4 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0
P/L_5A
P/L_5B
O (14mA
max.)
18
19
Partition/Link OK LED 5 - A and B: LED outputs (for use with single or
bi-color LEDs) with the following function:
Link Status
/OK
/OK
OK
OK
Partition Status
/PART
PART
/PART
PART
A Output
1
1
0
1
B Output
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com