Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 2Page - National Semiconductor (TI) DP83959 Datasheet HTML 3Page - National Semiconductor (TI) DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
4.0
Pin Descriptions (Continued)
www.national.com
The values of the resistor/capacitor parallel source imped-
ance matching networks connected to each of the
10BASE-T transmit outputs will depend upon PCB layout
factors (such as track length, width, route etc.) and will have
to be determined for each design. Preliminary laboratory
work suggests that values of 13.5
Ω and 820 pF are appro-
priate in order to meet IEEE 802.3 specifications and EMI
requirements - these values should be taken as a starting
point for investigation. Refer to Figure 9.
Signal Name
Type
Pin #
Description
TX1+
TPO
134, 135 Port 1 Transmit: 10BASE-T transmitter output - requires a series source
impedance matching network consisting of a resistor and capacitor in parallel. The
values of these components will be application specific.
RX1+
TPI
138, 139 Port 1 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX2+
TPO
132, 133 Port 2 Transmit: 10BASE-T transmitter output - requires a series source
impedance matching network consisting of a resistor and capacitor in parallel. The
values of these components will be application specific.
RX2+
TPI
128, 129 Port 2 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX3+
TPO
122, 123 Port 3 Transmit: 10BASE-T transmitter output - requires a series source
impedance matching network consisting of a resistor and capacitor in parallel. The
values of these components will be application specific.
RX3+
TPI
126, 127 Port 3 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX4+
TPO
117, 118 Port 4 Transmit: 10BASE-T transmitter output - requires a series source
impedance matching network consisting of a resistor and capacitor in parallel. The
values of these components will be application specific.
RX4+
TPI
113, 114 Port 4 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX5+
TPO
95, 96
Port 5 Transmit: 10BASE-T transmitter output - requires a series source imped-
ance matching network consisting of a resistor and capacitor in parallel. The values
of these components will be application specific.
RX5+
TPI
99, 100
Port 5 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX6+
TPO
93, 94
Port 6 Transmit: 10BASE-T transmitter output - requires a series source imped-
ance matching network consisting of a resistor and capacitor in parallel. The values
of these components will be application specific.
RX6+
TPI
89, 90
Port 6 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX7+
TPO
83, 84
Port 7 Transmit: 10BASE-T transmitter output - requires a series source imped-
ance matching network consisting of a resistor and capacitor in parallel. The values
of these components will be application specific.
RX7+
TPI
87, 88
Port 7 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.
TX8+
TPO
78, 79
Port 8 Transmit: 10BASE-T transmitter output - requires a series source imped-
ance matching network consisting of a resistor and capacitor in parallel. The values
of these components will be application specific.
RX8+
TPI
74, 75
Port 8 Receive: 10BASE-T receiver input - requires a 50
Ω receive termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com