Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
4.0
Pin Descriptions (Continued)
www.national.com
4.6
REGISTER/CONFIGURATION INTERFACE
Signal Name
Type
Pin #
Description
RA4
RA3
RA2
RA1
RA0
I/O
63
62
61
60
59
Register Address [4:0]: Address input value for the current register access.
These pins also provide DP83955/6 compatible LED status: during display
update cycles these pins become outputs that provide port address and data
for LED display purposes. Pins RA[1:4] cycle values from 0h to 9h while RA0
provides Bad Polarity status for the 10BASE-T ports. See Section 5.13 for
more details. If the DP83955/6 compatible LEDs and register interface are not
being used, these pins should be left unconnected.
In Option mode (see DEF/OPT), the logic levels present on RA[4:0] at reset
(set by pull-up or pull-down resistors) are latched into the configuration
registers. See section 5.12 for more information.
D3
D2
D1
D0
I/O
56
55
54
53
Data [3:0]: Bi-directional register data. /RD and /WR control the data
direction. With /RD low and /WR high, D[3:0] are outputs and with /RD high
and /WR low, D[3:0] are inputs. These pins also provide the DP83955/6
compatible status outputs for latching to LEDs. See Section 5.13 for more
details. If the DP83955/6 compatible LEDs and register interface are not being
used, these pins should be left unconnected.
In Option mode (see DEF/OPT), the logic levels present on D[3:0] at reset (set
by pull-up or pull-down resistors) are latched into the configuration registers.
See Section 5.12 for more information.
/RD
I
31
Read Strobe: When strobed low, this input schedules a register read access
to the register addressed by the RA[4:0] pins. If the register interface is not
being used, this pin should be connected to VCC either directly or via a pull-up
resistor (
≈4.7 kΩ).
/WR
I
30
Write Strobe: When strobed low, this input schedules a register write access
to the register addressed by the RA[4:0] pins. If the register interface is not
being used, this pin should be connected to VCC either directly or via a pull-up
resistor (
≈4.7 kΩ).
/READY
O
51
Ready Handshake: The falling edge of this active low signal during a read
cycle indicates that data is stable and valid for sampling. In write cycles, the
falling edge of /READY denotes that the write data has been latched by the
LeRIC8. Therefore, data must have been available and stable for this
operation to be successful.
/STR
O
36
Display Update Strobe: When using the DP83955/6 compatible status LEDs,
this active low signal controls the latching of display data for network ports into
the external display latches. If not required, this pin should be left
unconnected.
DFS
O
37
Display Frozen Strobe: Asserted high when the display data for each packet
is frozen at the end of the repeater transmission of the packet until the start of
the next network event or for a maximum of 30ms (nominal value). This
ensures DP83955/6 compatible status LEDs are visible even for single
network events.
BUFEN
O
52
Buffer Enable: Used to control an external buffer (if required) for the data
bus, D[3:0]. Extermal buffer will be necessary in systems having a register
interface.
/MLOAD
I
142
Mode Load/Reset: TTL level reset input (not Schmitt) for external reset or
test purposes. If not required, this pin should be connected to VCC either
directly or via a pull-up resistor (
≈4.7 kΩ). On the rising (trailing) edge of
/MLOAD, the logic levels present on the D[3:0] and RA[4:0] inputs (set by
pull-up or pull-down resistors) are latched into the configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com