Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
4.0
Pin Descriptions (Continued)
www.national.com
4.7
MISCELLANEOUS PINS
RST_INT/EXT
I
143
RESET Internal or External: This pin is used to select either internal
(automatic) or external reset mode. External reset pulses should be applied to
the /MLOAD pin. If not used, this pin should be connected to VCC either
directly or via a pull-up resistor (
≈4.7 kΩ).
0 = External reset selected
1 = Internal reset selected
The rising edge of the external (/MLOAD) or internal reset signal starts the 1
second display test operation.
Signal Name
Type
Pin #
Description
Signal Name
Type
Pin #
Description
DEF/OPT
I
29
Default/Optional Configuration Mode: This input is used to select the
LERIC8 configuration mode:
1 = Default Mode - The default LERIC8 configuration is used. To select this
mode the DEF/OPT pin should be pulled up to VCC with a 4.7 kΩ
resistor. See Section 5.12 for a description of the default parameters.
0 = Optional Mode - The LERIC8's configuration is loaded into the device at
the trailing edge of reset from values set on the D[3:0] and RA[4:0] pins.
These values are set using 10 k
Ω pull-up or pull-down resistors. For
normal default mode, no resistors are required.
TEST_1
I
28
Test 1: This pin should be connected to VCC for normal operation.
TEST_2
I
103
Test 2: This pin should be connected to GND for normal operation.
TEST_3
O
104
Test 3: This pin should be left unconnected for normal operation.
TEST_4
I
111
Test 4: This pin should be connected to GND for normal operation.
TEST_5
I
102
Test 5: This pin should be connected to GND for normal operation.
TEST_EN
I
112
Test Enable: This pin selects between normal and factory test operation
modes:
0 = Normal operation - tie the TEST_EN pin to GND for normal operation.
1 = LERIC8 factory test mode - do not use.
RXM
O
38
Receive Manchester Data: This pin should be left unconnected for normal
operation. It is the receive Manchester data output and is supplied for
evaluation and testing purposes.
FIL_TTL
I
101
Filter /TTL Transmit Data: This pin selects between pre-filter TTL transmit
data and normal filtered analog transmit data. Connect this pin to GND for
normal operation.
0 = Normal Analog Transmit Data - Transmit outputs are normal 10BASE-T.
1 = Pre-Filter TTL Transmit Data - Transmit outputs become TTL level.
NC
-
1, 2, 40,
41, 42,
80, 81,
82, 119,
120,
121, 160
No Connect: These pins are not connected internally to the DP83959. They
should be connected directly to the PCB ground plane. This will help decrease
the thermal resistance between the device and its environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com