Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) DP83959 Datasheet HTML 10Page - National Semiconductor (TI) DP83959 Datasheet HTML 11Page - National Semiconductor (TI) DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
4.0
Pin Descriptions (Continued)
www.national.com
4.5
CLOCK INTERFACE
/ACTN
I/O (O.D.)
48
Activity on Port N: The LERIC8 asserts this signal when data or collision
information is received from one of its network segments. The LERIC8 senses
this signal when this or another LERIC8 in a multi-LERIC system is receiving
data or collision information. If the Inter-LERIC bus is not being used, this pin
should be left unconnected (it has an internal pull-up resistor of 3.5 k
Ω) or
pulled up to VCC via an external resistor. If the Inter-LERIC bus is to be used,
this signal should have an external 680
Ω pull-up resistor to ensure fast
de-assertion.
/ANYXN
I/O (O.D.)
49
Activity on Any Port Except Port N: The LERIC8 asserts this signal when a
transmit collision is experienced or multiple ports have active collisions on
their network segments. The LERIC8 senses this signal when this or another
LERIC8 in a multi-LERIC system is experiencing transmit collisions or multiple
ports have active collisions on their network segments. If the Inter-LERIC bus
is not being used, this pin should be left unconnected (it has an internal
pull-up resistor of 14 k
Ω) or pulled up to V
CC via an external resistor. If the
Inter-LERIC bus is to be used, this signal should have an external 680
Ω
pull-up resistor to ensure fast de-assertion.
Signal Name
Type
Pin #
Description
Signal Name
Type
Pin #
Description
X_IN
I
144
20 MHz Crystal Oscillator Input: This pin can be used to connect an
external 20MHz crystal (between X_IN and X_OUT) as shown in Figure 2, or
as an external TTL compatible 20MHz oscillator module input as shown in
Figure 3.
X_OUT
O
145
20 MHz Crystal Oscillator Output: This pin is used to connect to an external
20 MHz crystal (between X_IN and X_OUT) as shown in Figure 2. When
using an external 20 MHz crystal oscillator module connected to the X_IN
input, this pin should be left unconnected as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com