Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 12Page - National Semiconductor (TI) DP83959 Datasheet HTML 13Page - National Semiconductor (TI) DP83959 Datasheet HTML 14Page - National Semiconductor (TI) DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) DP83959 Datasheet HTML 17Page - National Semiconductor (TI) DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
5.0
Functional Description (Continued)
www.national.com
Optionally, configuration information can be loaded into the
device at reset from values set by pull-up and/or pull-down
resistors on the D[3:0] and RA[4:0] pins. See Section 5.12
for more details.
The rising edge of the selected reset signal is used to start
the 1 second LED test operation.
As a power-on test feature, the DP83959 will assert all sin-
gle ended LED outputs, the DP83955/6 compatible LED
outputs and the 'B' outputs of the bi-color LED outputs. The
direct drive LED outputs are asserted during reset as well as
for 1 second following the trailing edge of reset, whereas the
DP83955/6 compatible LEDs will only be asserted for the 1
second test, not during reset. See the pin descriptions for
the LEDs in Section 4.3 for more details.
5.10
TRAFFIC MONITOR LED INTERFACE
The Network Traffic Level Monitor function displays the net-
work utilization as a percentage on 8 LEDs connected in
bargraph format. LEDs connected to the /TRAF[1:8] outputs
will indicate the following network traffic levels 1%, 2%, 3%,
6%, 12%, 25%, 50%, and >80% respectfully. These are cho-
sen in order to provide for an ergonomic display.
The Network Traffic Level Monitor function uses a sum of the
internal carrier sense signals from each of the ports to as-
sess the amount of repeater activity in any given sample pe-
riod. Network activity is sampled at 6.25Hz. The activity
level is decoded into a percentage of the theoretical maxi-
mum and output to the /TRAF[1:8] pins for display on the
bargraph style LEDs. That is, all LED outputs up to and in-
cluding the currently determined network traffic LED level
will be asserted. Figure 5 shows how to connect the traffic
LEDs.
Additionally, three global LEDs are provided:
An Alert LED output indicates when traffic level exceeds
80% for 1 second or more or when any of the eight
10BASE-T ports is partitioned for 1 second or more. The
output will remain active until the excess traffic or long par-
tition event ends or for a minimum of 30ms (nominal value)
to ensure LED visibility.
A global activity LED output (/GACT) indicates the presence
of any receive activity, while a global collision LED output
(/GCOL) indicates the presence of collisions on any port.
These LED outputs have the capability to lengthen the time
the LED is active. At the end of each event, the output is held
asserted for 30 ms, or until another such event occurs.Thus,
at low levels of network activity (for /GACT) or network colli-
sions (for /GCOL), the LED is lit long enough to make it dis-
cernible to the human eye. At higher rates of events, the
relative brightness of the LEDs indicate high or low activity.
Figure 4.
DP83959 Reset Logic
Internal Power-On Reset
Pulse Generator
0
1
RES_INT/EXT
/MLOAD
Internal Reset
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com