Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 15Page - National Semiconductor (TI) DP83959 Datasheet HTML 16Page - National Semiconductor (TI) DP83959 Datasheet HTML 17Page - National Semiconductor (TI) DP83959 Datasheet HTML 18Page - National Semiconductor (TI) DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) DP83959 Datasheet HTML 22Page - National Semiconductor (TI) DP83959 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
5.0
Functional Description (Continued)
www.national.com
5.13
MIN/MAX MODE LED INTERFACE
The LERIC8 supports the Min and Max LED modes of the
DP83955/6 LERIC devices. If these modes are not required
(for instance, if only the direct drive LED outputs are being
used), then no actions/connections are required. If Min or
Max mode is required, the relevant circuitry is simply added
to the data and address bus pins. The /STR pin is used to
latch data into external latches for display on the status
LEDs.
For Min mode, the LERIC8 operates identically to the
DP83955/6 devices. Table 4 shows the interface pin func-
tions for Min mode.
For Max mode, since the LERIC8 has more ports than the
DP83955/6, a slightly different latching scheme is required.
Figure 7 shows how Max mode functions for the LERIC8.
Data for latching (into external 74x259 addressable latches)
is presented on the D[0:3] and RA0 pins. Address informa-
tion is presented on the RA[1:4] pins. The address cycles
from 0h through 9h and then returns to 0h and repeats con-
tinuously.
5.14
AUI PORT 0
The DP83959 LERIC8 has a single AUI port that uses the
standard 3 differential pairs of signal connections. The AUI
receiver input pairs (RX0+/- and CD0+/-) require external
line termination (78
Ω balanced termination). The AUI trans-
mit output pairs utilize class A/B output drivers and do not
require any source termination resistors (as did the
DP83955/6).
The three AUI signal pairs (RX, TX, CD) require the use of
an isolation transformer (standard AUI 1:1 type) in order to
meet the fault condition requirements of IEEE 802.3. A typ-
ical AUI port connection is shown in Figure 8.
5.15
10BASE-T PORTS 1-8
The DP83959 will directly support up to 8 10BASE-T ports.
Figure 9 shows a typical 10BASE-T port connection.
Each of the 10BASE-T ports uses 4 signal pins on the
DP83959 package (two for transmit outputs and two for re-
ceive inputs) plus a shared power and ground. This minimal
configuration is possible due to the 10BASE-T filtering and
waveshaping being implemented internal to the device’s
transmit circuitry. The DP83959 still requires the use of re-
ceive filtering and termination and transmit source imped-
ance matching resistors external to the device. Decoupling
capacitors may also be required from the center taps of the
transmit and receive isolation transformers.
On transmit, the 10BASE-T ports of the DP83959 requires
the use of 1:2 step-up transformers in order to generate the
correct transmit output drive voltage. Common mode
chokes may not be required to meet emissions standards if
the layout guidelines are followed.
On receive, the 10BASE-T ports of the DP83959 requires
the use of 1:1 transformers. Filtering may be required to re-
duce high frequency interference.
Table 3
Default/Optional Mode Configuration Parameter Selection
Pin
Function
Effect When
Bit = 0
Effect When
Bit = 1
Default
Value
Description
D0
-
-
-
x
Not Used: Don't Care, can leave unconnected.
D1
-
-
-
x
Not Used: Don't Care, can leave unconnected.
D2
Reserved
Not
Permitted
Required
1
Reserved: Must be set to 1
D3
EPOLSW
Not Selected
Selected
1
Enables polarity switching of the receive squelch on
detecting polarity reversal of the incoming data.
RA0
Reserved
Not
Permitted
Required
1
Reserved: Must be set to 1
RA1
/TXONLY
Selected
Not Selected
1
Allows the port partition state machines to restrict segment
reconnection only to when a good packet is transmitted on
the partitioned port.
RA2
/CCLIM
63
31
0
The IEEE802.3 10Mb/s Section 9 repeater partition
specification requires a port to be partitioned after a certain
number of consecutive collisions. The LERIC8 has two
values available to allow users to customize the partitioning
algorithm to their environment.
RA3
MIN/MAX
Minimum
Mode
Maximum
Mode
1
The operation of the DP83955/6 LERIC compatible LED
display update mode is controlled by this bit.
RA4
-
-
-
x
Not Used: Don't Care, can leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com