Electronic Components Datasheet Search
  English  ▼

X  

DP83959 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 29Page - National Semiconductor (TI) DP83959 Datasheet HTML 30Page - National Semiconductor (TI) DP83959 Datasheet HTML 31Page - National Semiconductor (TI) DP83959 Datasheet HTML 32Page - National Semiconductor (TI) DP83959 Datasheet HTML 33Page - National Semiconductor (TI) DP83959 Datasheet HTML 34Page - National Semiconductor (TI) DP83959 Datasheet HTML 35Page - National Semiconductor (TI) DP83959 Datasheet HTML 36Page - National Semiconductor (TI) DP83959 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
9.0
Switching Characteristics (Continued)
www.national.com
9.10
RESET
** /MLOAD_INT is the internal signal which is delayed 5 cycles from the external /MLOAD signal
9.11
LED STROBE
Number
Symbol
Parameter
Min
Max
Units
T61
resdats
Data Setup
20
ns
T62
resdath
Data Hold
20
ns
T63
reslbufl
/MLOAD Low to /BUFEN Low
35
ns
T64
reshbufh
/MLOAD High to /BUFEN High
35
ns
T65
resw
/MLOAD Width
800
ns
D( 7 : 0 )
T65
T61
T62
/ MLOAD
T64
T63
/ B U F E N
** / MLOAD_INT
Number
Symbol
Parameter
Min
Max
Units
T66
stradrs
Strobe Address Setup
70
100
ns
T67
strdats
Strobe DATA SETUP
35
55
ns
T68
strdath
Strobe Data Hold
145
165
ns
T69
strw
Strobe Width
30
65
ns
RA( 4:1 )
(address)
D( 3: 0 )
(data)
/ S T R
T66
T67
T68
T69
RA( 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com