Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 25Page - National Semiconductor (TI) PC87391 Datasheet HTML 26Page - National Semiconductor (TI) PC87391 Datasheet HTML 27Page - National Semiconductor (TI) PC87391 Datasheet HTML 28Page - National Semiconductor (TI) PC87391 Datasheet HTML 29Page - National Semiconductor (TI) PC87391 Datasheet HTML 30Page - National Semiconductor (TI) PC87391 Datasheet HTML 31Page - National Semiconductor (TI) PC87391 Datasheet HTML 32Page - National Semiconductor (TI) PC87391 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
29
www.national.com
2.2.3
Standard Logical Device Configuration Register Definitions
In the registers below, any undefined bit is reserved. Unless otherwise noted, the following definitions also hold true:
q
All registers are read/write.
q
All reserved bits return 0 on reads, except where noted otherwise. To prevent unpredictable results, do not modify
these bits. Use read-modify-write to prevent the values of reserved bits from being changed during write.
q
Write only registers should not use read-modify-write during updates.
Table 7. Standard Control Registers
Table 8. Logical Device Activate Register
Note: When the X-Bus Extension is disabled, access to its registers (not the PnP registers) is disabled, but all bridging func-
tions continue to operate according to its register settings.
Table 9. I/O Space Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 6 for valid numbers. All
other values are reserved.
20h - 2Fh
SuperI/O
Configuration
SuperI/O configuration registers and ID registers
Index
Register Name
Description
30h
Activate
Bit 0 - Logical device activation control
0: Disabled
1: Enabled
Bits 7-1 - Reserved
Index
Register Name
Description
60h
I/O Port Base
Address Bits (15-8)
Descriptor 0
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits (7-0)
Descriptor 0
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com