Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 50Page - National Semiconductor (TI) PC87391 Datasheet HTML 51Page - National Semiconductor (TI) PC87391 Datasheet HTML 52Page - National Semiconductor (TI) PC87391 Datasheet HTML 53Page - National Semiconductor (TI) PC87391 Datasheet HTML 54Page - National Semiconductor (TI) PC87391 Datasheet HTML 55Page - National Semiconductor (TI) PC87391 Datasheet HTML 56Page - National Semiconductor (TI) PC87391 Datasheet HTML 57Page - National Semiconductor (TI) PC87391 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
54
www.national.com
2.13.3
Serial Port 2 Configuration Register
This register is reset by hardware to 02h.
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Bank
Select
Enable
Reserved
Busy
Indicator
Power
Mode
Control
TRI-STATE
Control
Reset
00000010
Bit
Description
7
Bank Select Enable. Enables bank switching for Serial Port 2.
0: All attempts to access the extended registers in Serial Port 2 are ignored (default).
1: Enables bank switching for Serial Port 2.
6-3
Reserved
2
Busy Indicator. This read only bit can be used by power management software to decide when to power-down
the Serial Port 2 logical device.
0: No transfer in progress (default).
1: Transfer in progress.
1
Power Mode Control. When the logical device is active in:
0: Low power mode
Serial Port 2 clock disabled. The output signals are set to their default states. The RI input signal can be
programmed to generate an interrupt. Registers are maintained (unlike Active bit in index 30 that also
prevents access to Serial Port 2 registers).
1: Normal power mode
Serial Port 2 clock enabled. Serial Port 2 is functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
One exception is the IRTX pin, which is driven to 0 when Serial Port 2 is inactive and is not affected by this bit.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com