Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 71Page - National Semiconductor (TI) PC87391 Datasheet HTML 72Page - National Semiconductor (TI) PC87391 Datasheet HTML 73Page - National Semiconductor (TI) PC87391 Datasheet HTML 74Page - National Semiconductor (TI) PC87391 Datasheet HTML 75Page - National Semiconductor (TI) PC87391 Datasheet HTML 76Page - National Semiconductor (TI) PC87391 Datasheet HTML 77Page - National Semiconductor (TI) PC87391 Datasheet HTML 78Page - National Semiconductor (TI) PC87391 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
3.0 General-Purpose Input/Output (GPIO) Port (Continued)
75
www.national.com
Figure 11. GPIO Event Routing Mechanism
The GPEVST register is a general-purpose edge detector which may be used to reflect the event source pending status for
edge-triggered events.
The term
active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for
falling edge).
Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level).
The corresponding bit of the GPEVST register is set by hardware whenever an active edge is detected, regardless of any
other bit settings. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if the corresponding bit of the GPEVEN register is set and either:
q
The Event Type is level and the pin is in active level, or
q
The Event Type is edge and the corresponding bit of the GPEVST register is set.
The target means of system notification is asserted if at least one GPIO pin is in event pending state.
The selection of the target means of system notification is determined by the GPEVR register. If IRQ is selected as one of the
means for the system notification, the specific IRQ line is determined by the IRQ selection procedure of the device configura-
tion. The assertion of any means of system notification is blocked when the GPIO functional block is deactivated.
If the output of a GPIO pin is enabled, it may be put in event pending state by the software when writing to the GPDO register.
An pending edge event may be cleared by clearing the corresponding GPEVST bit. However, a level event source may not
be released by software (except for disabling the source), as long as the pin is in active level. When level event is used, it
is recommended to disable the input debouncer.
Upon de-activation of the GPIO port, the GPEVST register is cleared and access to both the GPEVST and GPEVEN regis-
ters is disabled. All system notification means including the target IRQ line are detached from the GPIO and de-asserted.
Before enabling any system notification, it is recommended to set the desired event configuration, and then verify that the
status registers are cleared.
3.4
GPIO PORT REGISTERS
The register maps in this chapter use the following abbreviations for Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
Event Pending Indicator
SMI
IRQ
Event
Routing
Logic
Enable
IRQ
GPIO Pin Event Routing Register
Bit 1
Bit 0
Routed Events
from other GPIO Pins
Routing
Routing
Enable
SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com