Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 86Page - National Semiconductor (TI) PC87391 Datasheet HTML 87Page - National Semiconductor (TI) PC87391 Datasheet HTML 88Page - National Semiconductor (TI) PC87391 Datasheet HTML 89Page - National Semiconductor (TI) PC87391 Datasheet HTML 90Page - National Semiconductor (TI) PC87391 Datasheet HTML 91Page - National Semiconductor (TI) PC87391 Datasheet HTML 92Page - National Semiconductor (TI) PC87391 Datasheet HTML 93Page - National Semiconductor (TI) PC87391 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
5.0 Game Port (GMP) (Continued)
90
www.national.com
5.3.4
Game Port Extended Status Register (GMPXST)
This register indicates which of the corresponding game device interface events have occurred. Writing 1 to a bit clears it.
Reading a position counter clears the corresponding Counter Ready bit. Writing to a bit 0 has no effect.
This register is functional only in Enhanced mode.
Location:
Offset 02h
Type:
R/W1C
Bit
76543210
Name
Device B
Button 1
Event
Status
Device B
Button 0
Event
Status
Device A
Button 1
Event
Status
Device A
Button 0
Event
Status
Device B
Y-Position
Counter
Ready
Device B
X-Position
Counter
Ready
Device A
Y-Position
Counter
Ready
Device A
X-Position
Counter
Ready
Reset
00000000
Bit
Description
7
Device B Button 1 Event Status. When set to 1, it indicates that a Device B Button 1 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 5.3.14.
0: Event not active (default)
1: Event active
6
Device B Button 0 Event Status. When set to 1, it indicates that a Device B Button 0 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 5.3.14.
0: Event not active (default)
1: Event active
5
Device A Button 1 Event Status. When set to 1, it indicates that a Device A Button 1 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 5.3.14.
0: Event not active (default)
1: Event active
4
Device A Button 0 Event Status. When set to 1, it indicates that a Device A Button 0 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 5.3.14.
0: Event not active (default)
1: Event active
3
Device B Y-Position Counter Ready. When set to 1, it indicates that the value of the Y-position counter of
Device B can now be read.
0: Event not active (default)
1: Event active
2
Device B X-Position Counter Ready. When set to 1, it indicates that value of the X-position counter of Device
B can now be read.
0: Event not active (default)
1: Event active
1
Device A X-Position Counter Ready. When set to 1, it indicates that the value of the Y-position counter of
Device A can now be read.
0: Event not active (default)
1: Event active
0
Device A X-Position Counter Ready. When set to 1, it indicates that the value of the X-position counter of
Device A can now be read.
0: Event not active (default)
1: Event active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com