Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 48Page - National Semiconductor (TI) PC87391 Datasheet HTML 49Page - National Semiconductor (TI) PC87391 Datasheet HTML 50Page - National Semiconductor (TI) PC87391 Datasheet HTML 51Page - National Semiconductor (TI) PC87391 Datasheet HTML 52Page - National Semiconductor (TI) PC87391 Datasheet HTML 53Page - National Semiconductor (TI) PC87391 Datasheet HTML 54Page - National Semiconductor (TI) PC87391 Datasheet HTML 55Page - National Semiconductor (TI) PC87391 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
52
www.national.com
2.12.3
Parallel Port Configuration Register
This register is reset by hardware to F2h.
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Parallel Port Mode Select
Extended
Register
Access
Reserved
PP Reflect-
ed Input
Signals
Power
Mode
Control
TRI-STATE
Control
Reset
11110010
Bit
Description
7-5
Parallel Port Mode Select
000:
SPP Compatible mode. PD7-0 are always output signals.
001:
SPP Extended mode. PD7-0 direction is controlled by software.
010:
EPP 1.7 mode
011:
EPP 1.9 mode
100:
ECP mode (IEEE1284 register set), with no support for EPP mode.
101:
Reserved
110:
Reserved
111:
ECP mode (IEEE1284 register set), with EPP mode selectable as mode 4.
Selection of EPP 1.7 or 1.9 in ECP mode 4 is controlled by bit 4 of the Control2 configuration register of the
parallel port at offset 02h.
4
Extended Register Access
0: Registers at base (address) + 403h, base + 404h and base + 405h are not accessible (reads and writes are ignored).
1: Registers at base (address) + 403h, base + 404h and base + 405h are accessible. This option supports run-
time configuration within the Parallel Port address space.
3
Reserved
2
PP Reflected Input Signals. When the parallel port input signal is disconnected by the PPM, the input signals
reflected by the STR register assume one of the following values:
0: BUSY=1,PE=0,SLCT=0, ACK = 1 (default)
1: BUSY=1,PE=1,SLCT=1, ACK = 1.
1
Power Mode Control. When the logical device is active:
0: Parallel port clock disabled. ECP modes and EPP time-out are not functional when the logical device is active.
Registers are maintained.
1: Parallel port clock enabled. All operation modes are functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com