Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 56Page - National Semiconductor (TI) PC87391 Datasheet HTML 57Page - National Semiconductor (TI) PC87391 Datasheet HTML 58Page - National Semiconductor (TI) PC87391 Datasheet HTML 59Page - National Semiconductor (TI) PC87391 Datasheet HTML 60Page - National Semiconductor (TI) PC87391 Datasheet HTML 61Page - National Semiconductor (TI) PC87391 Datasheet HTML 62Page - National Semiconductor (TI) PC87391 Datasheet HTML 63Page - National Semiconductor (TI) PC87391 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
60
www.national.com
2.15.6
GPIO Event Routing Register
This register enables the routing of the GPIO event to IRQ and/or SMI signals. It is implemented only for ports 0,1 which
have event detection capability. This register is reset by hardware to 00h.
Location:
Index F2h
Type:
R/W
2
Pull-Up Control. This bit is used to enable/disable the internal pull-up capability of the corresponding GPIO pin.
It supports open-drain output signals with internal pull-ups and TTL input signals.
0: Disabled
1: Enabled (default)
1
Output Type. This bit controls the output buffer type (open-drain or push-pull) of the corresponding GPIO pin.
0: Open-drain (default)
1: Push-pull
0
Output Enable. This bit indicates the GPIO pin output state. It has no effect on the input path.
0: TRI-STATE (default)
1: Output enabled
Bit
76543210
Name
Reserved
Enable SMI
Routing
Enable IRQ
Routing
Reset
00000001
Bit
Description
7-2
Reserved
1
Enable SMI Routing
0: Disabled (default)
1: Enabled
0
Enable IRQ Routing
0: Disabled
1: Enabled (default)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com