Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 58Page - National Semiconductor (TI) PC87391 Datasheet HTML 59Page - National Semiconductor (TI) PC87391 Datasheet HTML 60Page - National Semiconductor (TI) PC87391 Datasheet HTML 61Page - National Semiconductor (TI) PC87391 Datasheet HTML 62Page - National Semiconductor (TI) PC87391 Datasheet HTML 63Page - National Semiconductor (TI) PC87391 Datasheet HTML 64Page - National Semiconductor (TI) PC87391 Datasheet HTML 65Page - National Semiconductor (TI) PC87391 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
62
www.national.com
2.17 GAME PORT (GMP) CONFIGURATION
This section applies to the PC87393 and PC87393F only.
2.17.1
Logical Device 11 (GMP) Configuration
Table 26 lists the configuration registers which affect the Game Port. Only the last register (F0h) is described here. See Sec-
tions 2.2.3 and 2.2.4 for a detailed description of the others.
Table 26. GMP Configuration Registers
2.17.2
Game Port Configuration Register
This register is reset by hardware to 00h.
Location:
Index F0h
Type:
R/W
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.
R/W
00h
60h
Base Address MSB register
R/W
02h
61h
Base Address LSB register.
R/W
01h
70h
Interrupt Number and Wake-Up on IRQ Enable register.
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
F0h
Game Port Configuration register
R/W
00h
Bit
7654
3
210
Name
Reserved
GMP
Enhanced
Mode Enable
Internal
Pull-Up
Enable
Reserved
TRI-STATE
Control
Reset
0000
0
000
Bit
Description
7-4
Reserved
3
GMP Enhanced Mode Enable. See Usage Hints below.
0: Disabled (default)
1: Enabled
2
Internal Pull-Up Enable. When the GMP functions are selected, this bit controls the internal pull-up resistor on
pins 96 (GPIO07/JOYABTN0), 3 (GPIO00/JOYABTN1), 97 (GPIO06/JOYBBTN0) and 2 (GPIO01/JOYBBTN1) or
pins 74 (GPIO17/JOYABTN0), 81 (GPIO10/JOYABTN1), 75 (GPIO16/JOYBBTN0), 80 (GPIO11/JOYBBTN1).
0: Disabled (default)
1: Enabled
1
Reserved
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com