Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 84Page - National Semiconductor (TI) PC87391 Datasheet HTML 85Page - National Semiconductor (TI) PC87391 Datasheet HTML 86Page - National Semiconductor (TI) PC87391 Datasheet HTML 87Page - National Semiconductor (TI) PC87391 Datasheet HTML 88Page - National Semiconductor (TI) PC87391 Datasheet HTML 89Page - National Semiconductor (TI) PC87391 Datasheet HTML 90Page - National Semiconductor (TI) PC87391 Datasheet HTML 91Page - National Semiconductor (TI) PC87391 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 148 page
background image
5.0 Game Port (GMP) (Continued)
88
www.national.com
5.3.2
Game Port Control Register (GMPCTL)
This register affects the functionality of the Game Port only when operated in Enhanced mode (bit 0 of this register is set
to 1). Bits 1,2 and 4-7 affect Game Port functionality, as described in the table below.
Location:
Offset 00h
Type:
R/W
Bit
76543210
Name
Device B
Button 1
Debounce
Enable
Device B
Button 0
Debounce
Enable
Device A
Button 1
Debounce
Enable
Device A
Button 0
Debounce
Enable
Reserved
Device B
Pre-Scale
Enable
Device A
Pre-Scale
Enable
GMP
Enhanced
Mode
Enable
Reset
00000000
Required
0
Bit
Description
7
Device B Button 1 Debounce Enable. When set to 1, enables a 16 ms input debouncer on Device B Button 1
status input.
0: Disabled (default)
1: Enabled
6
Device B Button 0 Debounce Enable. Same as bit 7, but for Device B Button 0.
0: Disabled (default)
1: Enabled
5
Device A Button 1 Debounce Enable. Same as bit 7, but for Device A Button 1.
0: Disabled (default)
1: Enabled
4
Device A Button 0 Debounce Enable. Same as bit 7, but for Device A Button 0.
0: Disabled (default)
1: Enabled
3
Reserved
2
Device B Pre-Scale Enable. This bit determines the clock frequency used by Device B position counters.
0: 1 MHz (default)
1: 500 KHz
1
Device A Pre-Scale Enable. This bit determines the clock frequency used by Device A position counters.
0: 1 MHz (default)
1: 500 KHz
0
GMP Enhanced Mode Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com