Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 88Page - National Semiconductor (TI) PC87391 Datasheet HTML 89Page - National Semiconductor (TI) PC87391 Datasheet HTML 90Page - National Semiconductor (TI) PC87391 Datasheet HTML 91Page - National Semiconductor (TI) PC87391 Datasheet HTML 92Page - National Semiconductor (TI) PC87391 Datasheet HTML 93Page - National Semiconductor (TI) PC87391 Datasheet HTML 94Page - National Semiconductor (TI) PC87391 Datasheet HTML 95Page - National Semiconductor (TI) PC87391 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
5.0 Game Port (GMP) (Continued)
92
www.national.com
5.3.6
Game Device A X-Axis Position Low Byte (GMPAXL)
Reading this register returns the value of the low byte of the X-axis position counter of game Device A. Before reading this
register verify that bit 0 of GMPXST (Device A Position Counter Ready) is set to 1. Writing to the offset of this register is
ignored.
This register is functional only in Enhanced mode.
Location:
Offset 04h
Type:
RO
5.3.7
Game Device A X-Axis Position High Byte (GMPAXH)
Reading this register returns the value of the high byte of the X-axis position counter of game Device A. Read this register
after reading the GMPAXL register, and verifying that bit 0 of GMPXST (Device A Position Counter Ready) is set to 1. Writing
to the offset of this register is ignored.
This register is functional only in Enhanced mode.
Location:
Offset 05h
Type:
RO
5.3.8
Game Device A Y-Axis Position Low Byte (GMPAYL)
Reading this register returns the value of the low byte of the Y-axis position counter of game Device A. Before reading this
register verify that bit 1 of GMPXST (Device A Position Counter Ready) is set to 1. Writing to the offset of this register is
ignored.
This register is functional only in Enhanced mode.
Location:
Offset 06h
Type:
RO
5.3.9
Game Device A Y-Axis Position High Byte (GMPAYH)
Reading this register returns the value of the high byte of the Y-axis position counter of game Device A. Read this register
after reading the GMPAYL register and verifying that bit 1 of GMPXST (Device A Position Counter Ready) is set to 1. Writing
to the offset of this register is ignored.
This register is functional only in Enhanced mode.
Location:
Offset 07h
Type:
RO
Bit
76543210
Name
Device A X-Axis Position Counter Low Byte
Reset
00000000
Bit
76543210
Name
Device A X-Axis Position Counter High Byte
Reset
00000000
Bit
76543210
Name
Device A Y-Axis Position Counter Low Byte
Reset
00000000
Bit
76543210
Name
Device A Y-Axis Position Counter High Byte
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com