Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 78Page - National Semiconductor (TI) PC87391 Datasheet HTML 79Page - National Semiconductor (TI) PC87391 Datasheet HTML 80Page - National Semiconductor (TI) PC87391 Datasheet HTML 81Page - National Semiconductor (TI) PC87391 Datasheet HTML 82Page - National Semiconductor (TI) PC87391 Datasheet HTML 83Page - National Semiconductor (TI) PC87391 Datasheet HTML 84Page - National Semiconductor (TI) PC87391 Datasheet HTML 85Page - National Semiconductor (TI) PC87391 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
4.0 WATCHDOG Timer (WDT) (Continued)
82
www.national.com
4.3.3
WATCHDOG Mask Register (WDMSK)
This register is used to determine which system events (IRQ) are enabled as WATCHDOG Timer trigger events. An enabled
IRQ event becomes a trigger event that causes the timer to reload the WDTO and restart the countdown.
This register enables or masks the trigger events that restart the WATCHDOG timer.
Location:
Offset 01h
Type:
R/W
Bit
7654
3
2
10
Name
Reserved
Serial Port 2
IRQ Trigger
Enable
Serial Port 1
IRQ Trigger
Enable
Reserved
Reset
0000
0
0
00
Bit
Description
7-4
Reserved
3
Serial Port 2 IRQ Trigger Enable. This bit enables the IRQ assigned to Serial Port 2 to trigger WATCHDOG
Timer reloading.
0: Serial Port 2 IRQ not a trigger event
1: An active Serial Port 2 IRQ enabled as a trigger event
2
Serial Port 1 IRQ Trigger Enable. This bit enables the IRQ assigned to Serial Port 1 to trigger WATCHDOG
Timer reloading.
0: Serial Port 1 IRQ not a trigger event
1: An active Serial Port 1 IRQ enabled as a trigger event
1-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com