Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 27Page - National Semiconductor (TI) PC87391 Datasheet HTML 28Page - National Semiconductor (TI) PC87391 Datasheet HTML 29Page - National Semiconductor (TI) PC87391 Datasheet HTML 30Page - National Semiconductor (TI) PC87391 Datasheet HTML 31Page - National Semiconductor (TI) PC87391 Datasheet HTML 32Page - National Semiconductor (TI) PC87391 Datasheet HTML 33Page - National Semiconductor (TI) PC87391 Datasheet HTML 34Page - National Semiconductor (TI) PC87391 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
31
www.national.com
2.2.4
Standard Configuration Registers
Figure 3. Configuration Register Map
SuperI/O Control and Configuration Registers
The SuperI/O configuration registers at indexes 20h and 27h are mainly used for part identification, global power manage-
ment and the selection of pin multiplexing options. For details, see Section 2.10.
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical device. See functional block descriptions in the following sections.
Control
The only implemented control register for each logical device is the Activate register at index 30h. Bit 0 of the Activate reg-
ister controls the activation of the associated functional block. Activation enables access to the functional block’s registers,
and attaches its system resources, which are unassigned as long as it is not activated. Other effects may apply, on a func-
tion-specific basis (such as clock enable and active pinout signaling).
Standard Configuration
The standard configuration registers manage the PnP resource allocation to the functional blocks. The I/O port base address
descriptor 0 is a pair of registers at Index 60-61h, holding the first 16-bit base address for the register set of the functional
block. An optional 16-bit second base-address (descriptor 1) at index 62-63h is used for logical devices with more than one
SuperI/O Control and
Configuration Registers
Logical Device Control and
one per Logical Device
Configuration Registers -
Index
Register Name
07h
Logical Device Number
20h
SuperI/O ID
21h
SuperI/O Configuration 1
22h
SuperI/O Configuration 2
23h
SuperI/O Configuration 3
24h
SuperI/O Configuration 4
25h
SuperI/O Configuration 5
26h
SuperI/O Configuration 6
27h
SuperI/O Revision ID
28h
SuperI/O Configuration 8
29h
SuperI/O Configuration 9
2Ah
SuperI/O Configuration A
2Bh - 2Eh
Reserved exclusively for National use
30h
Logical Device Control (Activate)
60h
I/O Base Address Descriptor 0 Bits 15-8
61h
I/O Base Address Descriptor 0 Bits 7-0
70h
Interrupt Number and Wake-Up on IRQ Enable
71h
IRQ Type Select
74h
DMA Channel Select 0
75h
DMA Channel Select 1
F0h - F9h
Device Specific Logical Device Configuration 1 to 10
(some are optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com