Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments LM3550 Datasheet HTML 17Page - Texas Instruments LM3550 Datasheet HTML 18Page - Texas Instruments LM3550 Datasheet HTML 19Page - Texas Instruments LM3550 Datasheet HTML 20Page - Texas Instruments LM3550 Datasheet HTML 21Page - Texas Instruments LM3550 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
C (5.3V)
5.0V
IOUT > IMAX
Torch
Charging
Charged
VCAP
Time
Time
EOC
4.5V
5.3V
4.0V
4.8V
C (5.3V)
Flash
C (Optimal)
C (4.5V)
Torch
T+C (5.0V)
T+C (5.0V)
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
EOC FUNCTIONALITY
The LM3550's EOC provides an indicator alerting the controller that the super-capacitor has reached its target
voltage. The EOC pin will transition low once the capacitor reaches 95% of the target voltage for the 4.5V, 5.0V
and 5.3V modes or once the capacitor has reached the optimal charge voltage in Optimal Charge Mode.
During operation, the LM3550 will continue to monitor the voltage on the super-capacitor and will update the
EOC pin when needed. Any time a mode transition occurs during Charge mode or Charge and Torch mode, the
EOC state will be re-evaluated.
During Torch Mode, the EOC will always indicate a charging state (EOC = '1') .
STATE DIAGRAM FGATE = '1'
By default, the LM3550 will prevent a flash event from occurring if the super-capacitor has not reached the target
voltage (EOC = '0'). In the event that this restriction is not desired, the flash gate bit (FGATE in the General
Purpose Register) can be set to a '1' disabling the end-of-charge requirement. Setting FGATE to a '1' allows the
Flash state to be entered at anytime. If the super-capacitor is not charged to the proper voltage before the EOC
pin indicates a full charge, the perceived duration and flash level could be lower than desired.
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com