Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments LM3550 Datasheet HTML 32Page - Texas Instruments LM3550 Datasheet HTML 33Page - Texas Instruments LM3550 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Strobe
VSENSE
(50 mV/DIV)
VALD/TEMP
(500 mV/DIV)
TIME
(10 ms/DIV)
Sense
High
Sense
Low
1V
VIO/VBAT
Trip Point
Decode
Current Control
Register
AVAGO APDS-9005
2.2 k:
Default TRIP POINTS
1000 LUX for Bright Ambient (900 mV) (Bright Outdoor Lighting)
No Flash
100 to 1000 LUX for Indoor Ambient (90 mV) (Office Lighting)
70% Full-Scale Flash
0 to 100 LUX for Low Ambient (Night or Movie Theater)
Full-Scale Flash
1V
1 PF
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Most ambient light sensors suggest placing a capacitor in parallel with the voltage-setting resistor in order to help
filter the 50/60 Hz. noise generated by fluorescent overhead lighting. This capacitor can range from no capacitor
up to 10 µF. The key is to filter the noise so that the peak-to-peak voltage is less than 16 mV (LSB size of the
ALD/TEMP Sense High and Sense Low settings). Please refer to the ambient light sensor's datasheet for the
recommended capacitor value.
The Flash current drops to 70% of the peak once the voltage on the ALD/TEMP pin exceeds the Sense Low trip
point.
Figure 58. Effect of ALD/TEMP Voltage Rising during a Flash
30
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com