Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments LM3550 Datasheet HTML 32Page - Texas Instruments LM3550 Datasheet HTML 33Page - Texas Instruments LM3550 Datasheet HTML 34Page - Texas Instruments LM3550 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Strobe
VSENSE
(50 mV/DIV)
VALD/TEMP
(500 mV/DIV)
TIME
(10 ms/DIV)
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
The Flash event is not allowed to start if the voltage on ALD/TEMP is higher that the Sense High Trip point.
Figure 59. Effect of ALD/TEMP Voltage Dropping during a Flash
LAYOUT CONSIDERATIONS
The UQFN is a leadless package with very good thermal properties. This package has an exposed DAP (die
attach pad) at the underside center of the package measuring 1.86 mm x 2.2 mm. The main advantage of this
exposed DAP is to offer low thermal resistance when soldered to the thermal ground pad on the PCB. For good
PCB layout a 1:1 ratio between the package and the PCB thermal land is recommended. To further enhance
thermal conductivity, the PCB thermal ground pad may include vias to a 2nd layer ground plane. For more
detailed instructions on mounting UQFN packages, please refer to Texas Instruments Application Note AN-1187
(SNOA401).
The proceeding steps must be followed to ensure stable operation and proper current source regulation.
1. Bypass VIN with at least a 4.7 µF ceramic capacitor. Connect the positive terminal of this capacitor as close
as possible to VIN.
2. Connect COUT as close to the VOUT pin as possible with at least a 2.2 µF capacitor.
3. Connect the return terminals of the input capacitor and the output capacitor as close as possible to the
exposed DAP and GND pins through low impedance traces.
4. Place the two 1 µF flying capacitors (C1 and C2) as close to the LM3550 C1+/
− and C2+/− pins as possible.
5. To minimize losses during the flash pulse, it is recommended that the flash LEDs, the current source NFET,
and current-setting resistor be placed as close to the super capacitor as possible.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM3550 when the junction temperature exceeds 145°C (typ.).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device will recover and operate normally when the junction temperature falls
below 125°C (typ.). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com