Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 19Page - Texas Instruments LM3550 Datasheet HTML 20Page - Texas Instruments LM3550 Datasheet HTML 21Page - Texas Instruments LM3550 Datasheet HTML 22Page - Texas Instruments LM3550 Datasheet HTML 23Page - Texas Instruments LM3550 Datasheet HTML 24Page - Texas Instruments LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
1
bit7
1
bit6
SL5
bit5
SL4
bit4
SL3
bit3
SL2
bit2
SL1
bit1
SL0
bit0
MSB
LSB
ALD/TEMP Sense Low Register
Register Address: 0xD0
1
bit7
1
bit6
SH5
bit5
SH4
bit4
SH3
bit3
SH2
bit2
SH1
bit1
SH0
bit0
MSB
LSB
ALD/TEMP Sense High Register
Register Address: 0xC0
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Table 8. Overhead Charge Voltage Table
OH2
OH1
OH0
Level
0
0
0
300 mV
0
0
1
400 mV
0
1
0
500 mV
0
1
1
600 mV
1
0
0
700 mV
1
0
1
800 mV
1
1
0
900 mV
1
1
1
1V
ALD/TEMP Sense High/Low Registers
Figure 52. ALD/TEMP Sense High Register
Figure 53. ALD/TEMP Sense Low Register
For ALD/TEMP Sense High and ALD/TEMP Sense Low, the trip levels are set by the following equation:
Sense High/Low = 1V × N/(2
6 − 1)
(1)
where N is the decimal equivalent of the value stored in the ALD/TEMP Sense High/Low registers. NSENSEHIGH
must be greater than NSENSELOW.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com