Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments LM3550 Datasheet HTML 17Page - Texas Instruments LM3550 Datasheet HTML 18Page - Texas Instruments LM3550 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Shutdown
Charge
Flash
Charge and
Torch
Torch
Optimal
Charge
Mode
Voltage
Mode
Charge
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
IND Pin
The Indicator pin (IND) consists of a current source that is capable of driving a red indicator LED with 5 mA of
drive current. This indicator LED can be turned on and off by toggling bit 7 in the General Purpose Register.
BAL Pin
The Balance pin (BAL), when connected to a super-capacitor (if needed), regulates the two sections of the
super-capacitor so that voltage on either cell is equal to ½ the output voltage. This ensures that an over-voltage
condition on either cap section does not occur.
State Machine Description
Figure 45. Default State Diagram
BASIC DESCRIPTION
The state machine for the LM3550 involves five different states: Shutdown, Torch, Charge, Charge and Torch,
and Flash.
The Shutdown state, or standby state, places the LM3550 in a low-power mode that will typically draw 1.8 µA of
current from the power supply.
The Torch state charges the super-capacitor up to VLED + VTREG (VTREG ≈ 300 mV) and utilizes the internal
current sink to drive the flash LEDs with a current up to 200 mA.
The Charge state places the LM3550 into a dedicated charge mode that provides the fastest means of charging
the super-capacitor up to the target level (4.5V, 5.0V, 5.3V or Optimal).
The Charge and Torch State combines the functionality of both the Torch state and Charge state. This state
allows the flash LEDs to be on during the charging of the super-capacitor. During the initial charging, the torch
current is limited to 60 mA to allow the majority of the output current to be utilized in the super-capacitor
charging. Once the target capacitor voltage is reached, the torch-current levels become fully adjustable.
The Flash state is responsible for driving the flash LEDs at the desired flash current. This state can be entered
either through I2C-controlled event or through an external Strobe event.
SHUTDOWN STATE
The Shutdown state is the default power-up state. The LM3550 will enter the shutdown state when the STROBE
pin is held low without a flash event occurring, and when the FLASH, TORCH and CHARGE bits in the General
Purpose Register are equal to '0'.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com