Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 23Page - Texas Instruments LM3550 Datasheet HTML 24Page - Texas Instruments LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
VFB
200 mV/DIV
IFlash = 3A
TIME
(10 ms/DIV)
VCAP = 5.36V
VOH = 900 mV
VCAP
1V/DIV
VLED-
1V/DIV
VF
2V/DIV
VLED+BAL (ave.) = 4V
VLED+BAL (peak) = 4.4V
VFB
200 mV/DIV
IFlash = 3A
TIME
(10 ms/DIV)
VCAP = 4.94V
VOH = 600 mV
VCAP
1V/DIV
VLED-
1V/DIV
VF
2V/DIV
VLED+BAL (ave.) = 4V
VLED+BAL (peak) = 4.4V
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Optimal Charge vs. Fixed Voltage Charge
Figure 54. Optimal Charge Mode
Figure 55. 5.3V Fixed Voltage Charge Mode
Peak Power Dissipation Across Current Source FET
PNFET (max.) = IFLASH × (VOH − VFB)
where
•
Optimal Mode = 1.5W, Fixed Voltage Mode (5.3V) = 2.4W
(9)
Average Power Dissipation Across Current Source FET (64 ms Pulse)
PNFET (avg.) = IFLASH × [VOH − (VDROOP÷2) − VFB]
where
•
Optimal Mode = 936 mW, Fixed Voltage Mode (5.3V) = 1.824W
(10)
COMPONENT SELECTION
Super-Capacitor
Super-capacitors, or electrochemical double-layer capacitors (EDLC's), have a very high energy density
compared to other capacitor types. Most super-capacitors aimed at applications requiring voltages higher than
3V are three-terminal devices (two super-capacitor cells stacked in series). Special care must be taken to ensure
that the voltage on each cell of the super-capacitor does not exceed the maximum rating (typically 2.75V to
2.85V, depending on the manufacturer). The LM3550 is capable of safely charging super-capacitors of many
different capacitances up to a VOUT(max.) = 5.3V typ.
The capacitor balance pin (BAL) on the LM3550 ensures that the voltage on each cell is equal to half of the
output voltage to prevent an over-voltage condition on either cell. If either cell fails as a short, the BAL pin will not
prevent the second cell from being damaged.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com