Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 18Page - Texas Instruments LM3550 Datasheet HTML 19Page - Texas Instruments LM3550 Datasheet HTML 20Page - Texas Instruments LM3550 Datasheet HTML 21Page - Texas Instruments LM3550 Datasheet HTML 22Page - Texas Instruments LM3550 Datasheet HTML 23Page - Texas Instruments LM3550 Datasheet HTML 24Page - Texas Instruments LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
SLE
bit7
OH2
bit6
OH1
bit5
OH0
bit4
FD3
bit3
FD2
bit2
FD1
bit1
FD0
bit0
MSB
LSB
Options Register
Register Address: 0xB0
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Table 5. Torch Level Table (continued)
T2
T1
T0
Level
0
1
0
100 mA
0
1
1
120 mA
1
0
0
140 mA
1
0
1
160 mA
1
1
0
180 mA
1
1
1
200 mA
Table 6. Flash Level Table
F2
F1
F0
FB Voltage Level
0
0
0
30 mV
0
0
1
40 mV
0
1
0
50 mV
0
1
1
60 mV
1
0
0
70 mV
1
0
1
80 mV
1
1
0
90 mV
1
1
1
100 mV
Options Control Register Description
SLE: Strobe Level or Edge Sensitivity. '0' = Edge Sensitive, '1' = Level Sensitive
FD0-FD3: Flash Duration control bits (see Table 7).
OH0-OH2: Overhead Charge Voltage control bits (see Table 8).
Table 7. Time-out Duration Table
FD3
FD2
FD1
FD0
Time (msec)
0
0
0
0
16
0
0
0
1
32
0
0
1
0
48
0
0
1
1
64
0
1
0
0
80
0
1
0
1
96
0
1
1
0
112
0
1
1
1
128
1
0
0
0
144
1
0
0
1
160
1
0
1
0
176
1
0
1
1
192
1
1
0
0
208
1
1
0
1
224
1
1
1
0
240
1
1
1
1
512
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com