Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
VIN (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.5
3.1
3.7
4.3
4.9
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VIN (V)
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
2.5
3.1
3.7
4.3
4.9
5.5
VLED = 1.5V
VLED = 1.8V
VLED = 2.4V
VLED = 2.0V
VIN (V)
105
104
103
102
101
100
99
98
97
96
95
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +85°C
TA = -30°C
TA = +25°C
VIN (V)
1.15
1.10
1.05
1.00
0.95
0.90
0.85
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +85°C
TA = -30°C
TA = +25°C
VIN (V)
220
210
200
190
180
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = -30°C
TA = +85°C
TA = +25°C
Torch Code = 7, VLED = 3.3V
VIN (V)
110
105
100
95
90
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 2.7V, 3.0V, 3.3V, 3.6V, 4.0V
Torch Code = 2
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN = 4. 7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super-Capacitor = 0.5F
TDK EDLC272020-501-2F-50,
Torch Current
Torch Current
vs.
vs.
Input Voltage
Input Voltage
Code = 7
Different VLED
Figure 27.
Figure 28.
Feedback Voltage
Oscillator Frequency
vs.
vs.
Input Voltage
Input Voltage
Figure 29.
Figure 30.
Indicator Current
Shutdown Current
vs.
vs.
Input Voltage
Input Voltage
Different VLED
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com