Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 21Page - Texas Instruments LM3550 Datasheet HTML 22Page - Texas Instruments LM3550 Datasheet HTML 23Page - Texas Instruments LM3550 Datasheet HTML 24Page - Texas Instruments LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments LM3550 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Super Cap Voltage vs. Time
VCHARGE
VESR
VESR
VDROOP
VCAP
TIME
tSTART
tFINISH
tFLASH
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
SUPER-CAPACITOR VOLTAGE PROFILE
When a constant load current is drawn from the charged super-capacitor, the voltage on the capacitor will
change. The capacitor ESR and capacitance both affect the discharge profile.
At the beginning of the flash (tSTART), the super-capacitor voltage will drop due to the super-capacitor's ESR. The
magnitude of the drop is equal to the flash current (IFLASH) multiplied by the ESR (RESR).
VESR = IFLASH × R ESR
(2)
Once the initial voltage drop occurs (VESR) the super-capacitor voltage will decay at a constant rate until the flash
ends (tFINISH). The voltage droop (VDROOP) during the flash event is equal to flash current (IFLASH) multiplied by the
flash duration (tFLASH) divided by the capacitance value of the super-capacitor (CSC).
VDROOP = (IFLASH × tFLASH) / CSC
(3)
After the flash event has finished, the voltage on the super-capacitor will increase due to the absence of current
flowing through the ESR of the super-capacitor. This step-up is equal to
VESR = IFLASH × RESR
(4)
PEAK FLASH CURRENT
To set the peak flash current controlled by the LM3550, a current setting resistor must be placed between the
source of the current source and ground (FB to GND). The LM3550 will regulate the voltage across the resistor
to a value between 100 mV and 30 mV depending on the setting in the Current Control Register. Using the 100
mV setting, the peak flash current can be found using the following equation:
IFLASH = VFB / RSENSE
(5)
The LM3550 provides eight feedback voltage levels allowing eight different current settings. The current ranges
from 100% of Full-Scale (100 mV setting) down to 30% of Full-Scale (30 mV setting) in 10% steps.
MAXIMUM FLASH DURATION
Several factors determine the maximum achievable flash pulse duration. The flash current magnitude, feedback
voltage, RDSON of the current source FET, super-capacitor capacitance (CSC), super-capacitor ESR (RESR) and
super-capacitor charge voltage (VCAP) determine the LM3550's ability to regulate the flash current for a given
amount of time.
tFLASH (max.) = (CSC × VDROOP) / IFLASH
where
•
VDROOP = VCAP − VLED − [IFLASH × (RESR + RDSON + {RBAL/N)}] − VFB
•
N = # of Flash LEDs
(6)
Example:
If VCAP = 5.3V, VLED = 4V (@1.5A), IFLASH (total) = 3A, CSC = 0.5F, RESR = 50 mΩ,RDSON = 40mΩ, VFB = 100 mV,
and RBAL = 75 mΩ
Then VDROOP = 0.82V and tFLASH (max.) = 136 ms
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com