Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 20Page - Texas Instruments LM3550 Datasheet HTML 21Page - Texas Instruments LM3550 Datasheet HTML 22Page - Texas Instruments LM3550 Datasheet HTML 23Page - Texas Instruments LM3550 Datasheet HTML 24Page - Texas Instruments LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Application Information
Super-Capacitor Flash Variable Definitions:
VBATT Voltage supplying charger circuit.
VCAP Super-capacitor voltage at the end of the charge cycle and before a flash.
ICL
Maximum current allowed to be drawn from the battery.
IFLASH LED current during the flash event.
tFLASH Desired flash duration.
CSC
Super capacitor value.
VLED Flash diode forward voltage at IFLASH.
VHR
The headroom required across the FET and the Sense resistor to maintain current sink regulation.
VFB
The degeneration resistor RSENSE regulation voltage that in part sets IFLASH.
RDSON On-Resistance of NFET.
VRDSON The voltage drop across the current source FET.
VPUMP The initial SC voltage required for the Flash.
RSENSE Current set resistor.
VDROOP Voltage droop on the super-capacitor during a flash of duration tFLASH.
= IFLASH×tFLASH / CSC
RESR Super-capacitor ESR value.
VESR Voltage drop due to SC ESR.
VBAL Voltage drop due to LED ballast resistors
VOH
Overhead charge voltage required for constant current regulation during the entire flash duration.
VPUMP VOH + VLED+ VESR = VFB + VRDSON + VESR + VLED + VDROOP + VBAL
VHR
VFB + VRDSON
SUPER-CAPACITOR CHARGING TIME
The time it takes the LM3550 to charge a super-capacitor from 0V to the target voltage is highly dependent on
the input voltage, output-voltage target, and super-capacitor capacitance value.
•
The LM3550 will charge up a capacitor faster with higher input voltage and slower with lower input voltages.
This is due to the LM3550 staying in the lower gains for longer periods of time.
•
The LM3550 will charge up a capacitor faster if the target output voltage is lower and slower if the target
output voltage is higher. For a given charge profile, a lower capacitor voltage will be reached faster than a
higher voltage level.
•
The LM3550 will charge up a capacitor having a lower capacitance value faster than a capacitor having a
higher capacitance level.
Table 9. Super-Capacitor Charging Times
0.5F Capacitor, 0V to Target
Opt.
FIXED VOLTAGE MODE
MODE(1)
VIN
4.38V
4.5V
5.0V
5.3V
4.2V
4.565s
5.087s
6.314s
7.014s
3.6V
5.207s
5.765s
6.978s
7.832s
3.0V
6.090s
6.446s
7.870s
8.904s
(1)
Optimal Mode Flash = 2 LEDs @ 3A (1.5A Each) for 48 ms. Super-Capacitor Part#: TDK EDLC272020-501-2F-50
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com