Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 25Page - Texas Instruments LM3550 Datasheet HTML 26Page - Texas Instruments LM3550 Datasheet HTML 27Page - Texas Instruments LM3550 Datasheet HTML 28Page - Texas Instruments LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments LM3550 Datasheet HTML 32Page - Texas Instruments LM3550 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Sense
High
Sense
Low
1V
VBIAS/VIO
Trip Point
Decode
Current Control
Register
R1
1V
RT
TA (°C)
1.0e1
1.0
1.0e-1
1e5
1e4
1e3
25
35
45
55
65
75
85
95
105
RT
VALD/TEMP
VBIAS = 1.8V
RTHERMISTOR = 100k
@ 25°C
=4500, R1 = 6.367k
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Setting the ALD/TEMP Sense High Register to N = 50 or hex 0x32 will place the upper trip point to approx. 800
mV. Voltages higher than 800 mV will prevent the flash LED from turning on. Based on the curve, the Sense Low
Register can be set to a lower code to give a second LED current threshold (70% flash). Voltages lower than the
value stored in the Sense Low Register will allow a full current flash.
Figure 56. Thermistor Resistive Divider Response vs Temperature
If the temperature changes during a flash event, meaning VALS/TEMP crosses the Sense High and/or Sense Low
values, the current will scale to the appropriate zone current.
The thermistor should be placed as close to the Flash LEDs as possible. This will provide the best thermal
coupling (lowest thermal resistance).
Figure 57. Thermistor Voltage Divider and Sensing Circuit
AMBIENT LIGHT SENSOR
If the ALD/TEMP pin is not used for ambient/LED temperature monitoring, it can be used for ambient light
detection. The LM3550 provides three regions of current control based upon ambient conditions. The three
regions are defined using the Sense High and Sense Low Registers to set the zone boundaries (user-
configurable from 0 to 1V). Most ambient light sensors are reverse-biased diodes that leak current proportional to
the amount of ambient light reaching the sensor. This current is then translated into a voltage by using a resistor
in series with the light sensor. The voltage-setting resistor will vary based upon the desired ambient detection
range and manufacturer.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com