Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 135Page - Texas Instruments TMS320DM641 Datasheet HTML 136Page - Texas Instruments TMS320DM641 Datasheet HTML 137Page - Texas Instruments TMS320DM641 Datasheet HTML 138Page - Texas Instruments TMS320DM641 Datasheet HTML 139Page - Texas Instruments TMS320DM641 Datasheet HTML 140Page - Texas Instruments TMS320DM641 Datasheet HTML 141Page - Texas Instruments TMS320DM641 Datasheet HTML 142Page - Texas Instruments TMS320DM641 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 171 page
background image
Multichannel Buffered Serial Port (McBSP)
139
June 2003 − Revised August 2004
SPRS222C
Table 4−44. Switching Characteristics Over Recommended Operating Conditions for McBSP†‡
(see Figure 4−42)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
1
td(CKSH-CKRXH)
Delay time, CLKS high to CLKR/X high for internal CLKR/X generated
from CLKS input
1.4
10
ns
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
4P or 6.67§¶#
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C − 1||
C + 1||
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
−2.1
3
ns
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX int
−1.7
3
ns
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX ext
1.7
9
ns
12
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit
CLKX int
−3.9
4
ns
12
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit
from CLKX high
CLKX ext
2.0
9
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
CLKX int
−3.9 + D1
k
4 + D2
k
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
CLKX ext
2.0 + D1
k
9 + D2
k
ns
14
td(FXH-DXV)
Delay time, FSX high to DX valid
FSX int
−2.3 + D1h
5.6 + D2h
ns
14
td(FXH-DXV)
ONLY applies when in data
delay 0 (XDATDLY = 00b) mode
FSX ext
1.9 + D1h
9 + D2h
ns
† CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
‡ Minimum delay times also represent minimum output hold times.
§ Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times are based
on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing requirements.
¶ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
# Use whichever value is greater.
|| C = H or L
S =
sample rate generator input clock = 4P if CLKSM = 1 (P = 1/CPU clock frequency)
=
sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
H =
CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L =
CLKX low pulse width
= (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the maximum limit (see ¶ footnote above).
kExtra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P
hExtra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com