Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 39Page - Texas Instruments TMS320VC5401 Datasheet HTML 40Page - Texas Instruments TMS320VC5401 Datasheet HTML 41Page - Texas Instruments TMS320VC5401 Datasheet HTML 42Page - Texas Instruments TMS320VC5401 Datasheet HTML 43Page - Texas Instruments TMS320VC5401 Datasheet HTML 44Page - Texas Instruments TMS320VC5401 Datasheet HTML 45Page - Texas Instruments TMS320VC5401 Datasheet HTML 46Page - Texas Instruments TMS320VC5401 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
Functional Overview
43
December 2000 − Revised February 2004
SPRS153C
The bits of the interrupt flag register (IFR) and interrupt mask register (IMR) are arranged as shown in
Figure 3−11.
15
14
13
12
11
10
9
8
Reserved
DMAC5
DMAC4
BXINT1/
DMAC3
BRINT1/
DMAC2
HPINT
INT3
7
65
43
21
0
TINT1/
DMAC1
Reserved/
DMAC0
BXINT0
BRINT0
TINT0
INT2
INT1
INT0
Figure 3−11. IFR and IMR Registers
Table 3−16. IFR and IMR Register Bit Fields
BIT
FUNCTION
NUMBER
NAME
FUNCTION
15−14
−
Reserved for future expansion
13
DMAC5
DMA channel 5 interrupt flag/mask bit
12
DMAC4
DMA channel 4 interrupt flag/mask bit
11
BXINT1/DMAC3
This bit can be configured as either the McBSP1 transmit interrupt flag/mask bit, or the DMA
channel 3 interrupt flag/mask bit. The selection is made in the DMPREC register.
10
BRINT1/DMAC2
This bit can be configured as either the McBSP1 receive interrupt flag/mask bit, or the DMA
channel 2 interrupt flag/mask bit. The selection is made in the DMPREC register.
9
HPINT
Host to 54x interrupt flag/mask
8
INT3
External interrupt 3 flag/mask
7
TINT1/DMAC1
This bit can be configured as either the timer1 interrupt flag/mask bit, or the DMA channel 1 interrupt
flag/mask bit. The selection is made in the DMPREC register.
6
Reserved/DMAC0
This bit can be configured as either reserved, or the DMA channel 0 interrupt flag/mask bit. The
selection is made in the DMPREC register.
5
BXINT0
McBSP0 transmit interrupt flag/mask bit
4
BRINT0
McBSP0 receive interrupt flag/mask bit
3
TINT0
Timer 0 interrupt flag/mask bit
2
INT2
External interrupt 2 flag/mask bit
1
INT1
External interrupt 1 flag/mask bit
0
INT0
External interrupt 0 flag/mask bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com