Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 23Page - Texas Instruments TMS320VC5401 Datasheet HTML 24Page - Texas Instruments TMS320VC5401 Datasheet HTML 25Page - Texas Instruments TMS320VC5401 Datasheet HTML 26Page - Texas Instruments TMS320VC5401 Datasheet HTML 27Page - Texas Instruments TMS320VC5401 Datasheet HTML 28Page - Texas Instruments TMS320VC5401 Datasheet HTML 29Page - Texas Instruments TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
Functional Overview
27
December 2000 − Revised February 2004
SPRS153C
The software wait-state multiplier bit of the software wait-state control register (SWCR) is used to extend the
base number of wait states selected by the SWWSR. The SWCR bit fields are shown in Figure 3−6 and
described in Table 3−4.
15
8
Reserved
R/W-0
7
10
Reserved
SWSM
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3−6. Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
Table 3−4. Software Wait-State Control Register (SWCR) Bit Fields
PIN
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15−1
Reserved
0
These bits are reserved and are unaffected by writes.
0
SWSM
0
Software wait-state multiplier. Used to multiply the number of wait states defined in the SWWSR by a factor
of 1 or 2.
-
SWSM = 0: wait-state base values are unchanged (multiplied by 1).
-
SWSM = 1: wait-state base values are multiplied by 2 for a maximum of 14 wait states.
3.3.2 Programmable Bank-Switching
The programmable bank-switching logic of the 5401 is functionally equivalent to that of the 548/549 devices.
This feature automatically inserts one cycle when accesses cross memory-bank boundaries within program
or data memory space. A bank-switching wait state can also be automatically inserted when accesses cross
the data space boundary into program space.
The bank-switching control register (BSCR) defines the bank size for bank-switching wait states. Figure 3−7
shows the BSCR and its bits are described in Table 3−5.
15
12
11
10
8
BNKCMP
PS−DS
Reserved
R/W-1111
R/W-1
R-0
7
32
1
0
Reserved
HBH
BH
EXIO
R-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3−7. Bank-Switching Control Register (BSCR), MMR Address 0029h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com