Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 72Page - Texas Instruments TMS320VC5401 Datasheet HTML 73Page - Texas Instruments TMS320VC5401 Datasheet HTML 74Page - Texas Instruments TMS320VC5401 Datasheet HTML 75Page - Texas Instruments TMS320VC5401 Datasheet HTML 76Page - Texas Instruments TMS320VC5401 Datasheet HTML 77Page - Texas Instruments TMS320VC5401 Datasheet HTML 78Page - Texas Instruments TMS320VC5401 Datasheet HTML 79Page - Texas Instruments TMS320VC5401 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
Electrical Specifications
76
December 2000 − Revised February 2004
SPRS153C
5.15 Host-Port Interface (HPI8) Timing
Table 5−34 and Table 5−35 assume testing over recommended operating conditions and H = 0.5 * processor
clock (see Figure 5−28 through Figure 5−31). In the following tables, DS refers to the logical OR of HCS,
HDS1, and HDS2; HDx refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.); and HAD stands for
HCNTL0, HCNTL1, and HR/W.
Table 5−34. HPI8 Timing Requirements†
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HBIL and HAD valid before DS low or before HAS low‡§
7
ns
th(DSL-HBV)
Hold time, HBIL and HAD valid after DS low or after HAS low‡§
7
ns
tsu(HSL-DSL)
Setup time, HAS low before DS low
12
ns
tw(DSL)
Pulse duration, DS low
20
ns
tw(DSH)
Pulse duration, DS high
10
ns
tsu(HDV-DSH)
Setup time, HDx valid before DS high, HPI write
4
ns
th(DSH-HDV)W
Hold time, HDx valid after DS high, HPI write
5
ns
tsu(GPIO-COH)
Setup time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
8
ns
th(GPIO-COH)
Hold time, HDx input valid after CLKOUT high, HDx configured as general-purpose input
2
ns
† GPIO refers to the HD pins when they are configured as general-purpose input/outputs.
‡ HAD refers to HCNTL0, HCNTL1, and H/RW.
§ When the HAS signal is used to latch the control signals, this timing refers to the falling edge of the HAS signal. Otherwise, when HAS is not used
(always high), this timing refers to the falling edge of DS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com