Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 59Page - Texas Instruments TMS320VC5401 Datasheet HTML 60Page - Texas Instruments TMS320VC5401 Datasheet HTML 61Page - Texas Instruments TMS320VC5401 Datasheet HTML 62Page - Texas Instruments TMS320VC5401 Datasheet HTML 63Page - Texas Instruments TMS320VC5401 Datasheet HTML 64Page - Texas Instruments TMS320VC5401 Datasheet HTML 65Page - Texas Instruments TMS320VC5401 Datasheet HTML 66Page - Texas Instruments TMS320VC5401 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
Electrical Specifications
63
December 2000 − Revised February 2004
SPRS153C
5.11 Reset, BIO, Interrupt, and MP/MC Timings
Table 5−17 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 5−14,
Figure 5−15, and Figure 5−16).
Table 5−17. Reset, BIO, Interrupt, and MP/MC Timing Requirements
MIN
MAX
UNIT
MIN
MAX
UNIT
th(RS)
Hold time, RS after CLKOUT low
2
ns
th(BIO)
Hold time, BIO after CLKOUT low
2
ns
th(INT)
Hold time, INTn, NMI, after CLKOUT low†
2
ns
th(MPMC)
Hold time, MP/MC after CLKOUT low
2
ns
tw(RSL)
Pulse duration, RS low‡§
4H+7
ns
tw(BIO)S
Pulse duration, BIO low, synchronous
2H+4
ns
tw(BIO)A
Pulse duration, BIO low, asynchronous
4H+2
ns
tw(INTH)S
Pulse duration, INTn, NMI high (synchronous)
2H+2
ns
tw(INTH)A
Pulse duration, INTn, NMI high (asynchronous)
4H+2
ns
tw(INTL)S
Pulse duration, INTn, NMI low (synchronous)
2H+4
ns
tw(INTL)A
Pulse duration, INTn, NMI low (asynchronous)
4H+2
ns
tw(INTL)WKP
Pulse duration, INTn, NMI low for IDLE2/IDLE3 wakeup
12
ns
tsu(RS)
Setup time, RS before X2/CLKIN low
7
ns
tsu(BIO)
Setup time, BIO before CLKOUT low
9
12
ns
tsu(INT)
Setup time, INTn, NMI, RS before CLKOUT low
9
12
ns
tsu(MPMC)
Setup time, MP/MC before CLKOUT low
7
ns
† The external interrupts (INT0−INT3, NMI) are synchronized to the core CPU by way of a two-flip-flop synchronizer which samples these inputs with
consecutive falling edges of CLKOUT. The input to the interrupt pins is required to represent a 1-0-0 sequence at the timing that is corresponding
to three CLKOUT sampling sequences.
‡ If the PLL mode is selected, then at power-on sequence, or at wakeup from IDLE3, RS must be held low for at least 50 µs to ensure synchronization
and lock-in of the PLL.
§ Note that RS may cause a change in clock frequency, therefore changing the value of H.
Divide-by-two mode
BIO
CLKOUT
RS, INTn, NMI
X2/CLKIN
th(BIO)
th(RS)
tsu(INT)
tw(BIO)S
tsu(BIO)
tw(RSL)
tsu(RS)
Figure 5−14. Reset and BIO Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com