Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 14Page - Texas Instruments TMS320VC5401 Datasheet HTML 15Page - Texas Instruments TMS320VC5401 Datasheet HTML 16Page - Texas Instruments TMS320VC5401 Datasheet HTML 17Page - Texas Instruments TMS320VC5401 Datasheet HTML 18Page - Texas Instruments TMS320VC5401 Datasheet HTML 19Page - Texas Instruments TMS320VC5401 Datasheet HTML 20Page - Texas Instruments TMS320VC5401 Datasheet HTML 21Page - Texas Instruments TMS320VC5401 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
Introduction
18
December 2000 − Revised February 2004
SPRS153C
Table 2−2. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
TYPE†
TERMINAL
NAME
DESCRIPTION
TYPE†
HOST-PORT INTERFACE SIGNALS (CONTINUED)
HBIL
I
Byte identification. HBIL identifies the first or second byte of transfer. The HBIL input has an internal pullup resistor
that is only enabled when HPIENA = 0.
HCS
I
Chip select. HCS is the select input for the HPI and must be driven low during accesses. The chip-select input has
an internal pullup resistor that is only enabled when HPIENA = 0.
HDS1
HDS2
I
Data strobe. HDS1 and HDS2 are driven by the host read and write strobes to control transfers. The strobe inputs
have internal pullup resistors that are only enabled when HPIENA = 0.
HAS
I
Address strobe. Hosts with multiplexed address and data pins require HAS to latch the address in the HPIA
register. HAS has an internal pullup resistor that is only enabled when HPIENA = 0.
HR/W
I
Read/write. HR/W controls the direction of an HPI transfer. R/W has an internal pullup resistor that is only enabled
when HPIENA = 0.
HRDY
O/Z
Ready. The ready output informs the host when the HPI is ready for the next transfer. HRDY goes into the
high-impedancestate when OFF is low.
HINT
O/Z
Host interrupt. This output is used to interrupt the host. When the DSP is in reset, HINT is driven high. HINT can
also be configured as the timer 1 output (TOUT1), when the HPI is disabled. The signal goes into the
high-impedancestate when OFF is low.
HPIENA
I
HPI module select. HPIENA must be driven high during reset to enable the HPI. An internal pulldown resistor is
always active and the HPIENA pin is sampled on the rising edge of RS. If HPIENA is left open or is driven low during
reset, the HPI module is disabled. Once the HPI is disabled, the HPIENA pin has no effect until the 5401 is reset.
SUPPLY PNS
CVDD
S
+VDD. Dedicated 1.8-V power supply for the core CPU
DVDD
S
+VDD. Dedicated 3.3-V power supply for the I/O pins
VSS
S
Ground
TEST PINS
TCK
I
IEEE standard 1149.1 test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The changes
on the test access port (TAP) of input signals TMS and TDI are clocked into the TAP controller, instruction register,
or selected test data register on the rising edge of TCK. Changes at the TAP output signal (TDO) occur on the falling
edge of TCK.
TDI
I
IEEE standard 1149.1 test data input pin with internal pullup device. TDI is clocked into the selected register
(instruction or data) on a rising edge of TCK.
TDO
O/Z
IEEE standard 1149.1 test data output. The contents of the selected register (instruction or data) are shifted out
of TDO on the falling edge of TCK. TDO is in the high-impedance state except when the scanning of data is in
progress. TDO also goes into the high-impedance state when OFF is low.
TMS
I
IEEE standard 1149.1 test mode select. Pin with internal pullup device. This serial control input is clocked into the
TAP controller on the rising edge of TCK.
TRST
I
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1 scan system control of the
operations of the device. If TRST is not connected or is driven low, the device operates in its functional mode, and
the IEEE standard 1149.1 signals are ignored. Pin with internal pulldown device.
† I = input, O = output, Z = high impedance, S = supply
‡ All revisions of the 5401 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin.
It should be noted that the X2/CLKIN pin is referenced to the device 1.8-V power supply (CVDD), rather than the 3-V I/O supply (DVDD). Refer
to the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com