Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 45Page - Texas Instruments TMS320VC5401 Datasheet HTML 46Page - Texas Instruments TMS320VC5401 Datasheet HTML 47Page - Texas Instruments TMS320VC5401 Datasheet HTML 48Page - Texas Instruments TMS320VC5401 Datasheet HTML 49Page - Texas Instruments TMS320VC5401 Datasheet HTML 50Page - Texas Instruments TMS320VC5401 Datasheet HTML 51Page - Texas Instruments TMS320VC5401 Datasheet HTML 52Page - Texas Instruments TMS320VC5401 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Electrical Specifications
49
December 2000 − Revised February 2004
SPRS153C
5.6
Internal Oscillator With External Crystal
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN. The frequency of CLKOUT
is a multiple of the oscillator frequency. The multiply ratio is determined by the bit settings in the CLKMD
register. The crystal should be in fundamental-mode operation, and parallel resonant, with an effective series
resistance of 30 Ω and power dissipation of 1 mW.
The connection of the required circuit, consisting of the crystal and two load capacitors, is shown in
Figure 5−2. The load capacitors, C1 and C2, should be chosen such that the equation below is satisfied. CL
in the equation is the load specified for the crystal.
CL +
C1C2
(C1 ) C2)
Table 5−2. Input Clock Frequency Characteristics
MIN
MAX
UNIT
fclock
Input clock frequency
10
20
MHz
X1
X2/CLKIN
C1
C2
Crystal
Figure 5−2. Internal Oscillator With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com