Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 66Page - Texas Instruments TMS320VC5401 Datasheet HTML 67Page - Texas Instruments TMS320VC5401 Datasheet HTML 68Page - Texas Instruments TMS320VC5401 Datasheet HTML 69Page - Texas Instruments TMS320VC5401 Datasheet HTML 70Page - Texas Instruments TMS320VC5401 Datasheet HTML 71Page - Texas Instruments TMS320VC5401 Datasheet HTML 72Page - Texas Instruments TMS320VC5401 Datasheet HTML 73Page - Texas Instruments TMS320VC5401 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
Electrical Specifications
70
December 2000 − Revised February 2004
SPRS153C
5.14.3
McBSP Transmit and Receive Timing Using CLKR/X as a Clock Source Input to
the Sample Rate Generator (SRGR)
The 5401 McBSP has been enhanced to allow the use of an external clock source as an input to the sample
rate generator (SRGR). This capability is enabled by reconfiguring either the transmit shift clock (BCLKX),
or the receive shift clock (BCLKR) to function as the input clock to the SRGR. When the McBSP is used in
this mode, the output of the SRGR is then used as a common shift clock for both the receive and transmit
sections of the serial port. This clock is output on the other of these two pins. Therefore, if BCLKX is
reconfigured as the SRGR input, then BCLKR is used as the shift clock for both the transmit and receive
sections of the McBSP. If BCLKR is reconfigured as the SRGR input, then BCLKX is used as the shift clock
for both the transmit and receive sections of the McBSP. The relevant timings for this mode of operation are
depicted in Figure 5−23. The other timings for serial port operations are the same as when using an internal
clock source as described in the standard McBSP transmit and receive timings presented in Section 5.14.1.
Table 5−24 and Table 5−25 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−23).
Table 5−24. McBSP Sample Rate Generator Timing Requirements
MIN
MAX
UNIT
tc(BCKS)
Cycle time, SRGR clock input
2H
ns
tw(BCKSH)
Pulse duration, SRGR clock input high
H−6
H+3
ns
tw(BCKSL)
Pulse duration, SRGR clock input low
H−6
H+3
ns
tr(BCKS)
Rise time, SRGR clock input
10
ns
tf(BCKS)
Fall time, SRGR clock input
10
ns
Table 5−25. McBSP Sample Rate Generator Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(BCKSH-BCLKRXH)
Delay time, from SRGR clock input to SRGR output
1
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com