Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 27Page - Texas Instruments TMS320VC5401 Datasheet HTML 28Page - Texas Instruments TMS320VC5401 Datasheet HTML 29Page - Texas Instruments TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments TMS320VC5401 Datasheet HTML 34Page - Texas Instruments TMS320VC5401 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Functional Overview
31
December 2000 − Revised February 2004
SPRS153C
3.5.1 Programmable McBSP Functions
In addition to the standard serial port functions, the McBSP provides programmable clock and frame
synchronization signals. The programmable functions include:
•
Frame synchronization pulse width
•
Frame period
•
Frame synchronization delay
•
Clock reference (internal vs. external)
•
Clock division
•
Clock and frame synchronization polarity
The on-chip companding hardware allows compression and expansion of data in either µ-law or A-law format.
When companding is used, transmit data is encoded according to specified companding law and received
data is decoded to 2s complement format.
The McBSP allows the multiple channels to be independently selected for the transmitter and receiver. When
multiple channels are selected, each frame represents a time-division multiplexed (TDM) data stream. In
using TDM data streams, the CPU may only need to process a few of them. Thus, to save memory and bus
bandwidth, multichannel selection allows independent enabling of particular channels for transmission and
reception. Up to 32 channels in a stream of up to 128 channels can be enabled.
The clock-stop mode (CLKSTP) in the McBSP provides compatibility with the serial peripheral interface (SPI)
protocol. The word sizes supported by the McBSP are programmable for 8-, 12-, 16-, 20-, 24-, or 32-bit
operation. When the McBSP is configured to operate in SPI mode, both the transmitter and the receiver
operate together as a master or as a slave.
The McBSP is fully static and operates at arbitrarily low clock frequencies. The maximum frequency is CPU
clock frequency divided by 2.
3.5.2 Enhanced McBSPs
The 5401 McBSPs have been enhanced to provide more flexibility in the choice of the sample rate generator
input clock source. On previous C5000 DSP platform devices, the McBSP sample rate input clock can be
driven from one of two possible choices: the internal CPU clock , or the external CLKS pin. However, most
C5000 DSP devices have only the internal CPU clock as a possible source because the CLKS pin is not
implemented on most device packages.
To accommodate applications that require an external reference clock for the sample rate generator, the 5401
McBSPs allow either the receive clock pin (BCLKR) or the transmit clock pin (BCLKX) to be configured as
the input clock to the sample rate generator. This enhancement is enabled through two register bits: pin control
register (PCR) bit 7 − enhanced sample clock mode (SCLKME), and sample rate generator register 2
(SRGR2) bit 13 − McBSP sample rate generator clock mode (CLKSM). SCLKME is an addition to the PCR
contained in the McBSPs on previous C5000 DSP devices. The new bit layout of the PCR is shown in
Figure 3−9. For a description of the remaining bits, see TMS320C54x DSP Reference Set, Volume 5:
Enhanced Peripherals (literature number SPRU302).
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
7
6
54
3
2
10
SCLKME
CLKS_STAT
DX_STAT
DR_STAT
FSXP
FSRP
CLKXP
CLKRP
RW,+0
R,+0
R,+0
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3−9. Pin Control Register (PCR)
C5000 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com