Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 43Page - Texas Instruments TMS320VC5401 Datasheet HTML 44Page - Texas Instruments TMS320VC5401 Datasheet HTML 45Page - Texas Instruments TMS320VC5401 Datasheet HTML 46Page - Texas Instruments TMS320VC5401 Datasheet HTML 47Page - Texas Instruments TMS320VC5401 Datasheet HTML 48Page - Texas Instruments TMS320VC5401 Datasheet HTML 49Page - Texas Instruments TMS320VC5401 Datasheet HTML 50Page - Texas Instruments TMS320VC5401 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
Electrical Specifications
47
December 2000 − Revised February 2004
SPRS153C
5.3
Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = MAX
2.3
V
VOL
Low-level output voltage
IOL = MAX
0.5
V
IIZ
Input current for
outputs
in
high
D[15:0], HD[7:0]
Bus holders enabled, DVDD = MAX,
VI = VSS to DVDD
−175
175
µA
IIZ
outputs
in
high
impedance
All other inputs
DVDD = MAX, VO = VSS to DVDD
−10
10
µA
X2/CLKIN}
−40
40
TRST
With internal pulldown
−10
300
II
Input current
HPIENA
With internal pulldown
(VI = VSS
−10
300
µA
II
p
TMS, TCK, TDI, HPIw
With internal pullups,
HPIENA = 0
( I
SS
to DVDD)
−300
10
µA
All th i
t
l
i
10
10
All other input-only pins
−10
10
IDDC
Supply current, core CPU
CVDD = 1.8 V, fclock = 50 MHz, TC = 25°C#
22
mA
IDDP
Supply current, pins
DVDD = 3.3 V, fclock = 50 MHz, TC = 25°C||
30
mA
I
Supply current,
IDLE2
PLL × 1 mode, 50 MHz input
2
mA
IDD
Supply current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
20
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All values are typical unless otherwise specified.
‡ All revisions of the 5401 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin. It
should be noted that the X2/CLKIN pin is referenced to the device 1.8 V power supply (CVDD), rather than the 3 V I/O supply (DVDD). Refer to the
recommendedoperating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.
§ HPI input signals except for HPIENA.
Clock mode: PLL × 1 with external source
# This value represents the current consumption of the CPU, on-chip memory, and on-chip peripherals. Conditions include: program execution from
on-chip RAM, with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being executed.
|| This value was obtained using the following conditions: external memory writes at a rate of 20 million writes per second, CLKOFF=0, full-duplex
operation of McBSP0 and McBSP1 at a rate of 10 million bits per second each, and 15-pF loads on all outputs. For more details on how this calculation
is performed, refer to the Calculation of TMS320LC54x Power Dissipation Application Report (literature number SPRA164).
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50 Ω
Where:
IOL
= 1.5 mA (all outputs)
IOH
= 300 µA (all outputs)
VLoad
= 1.5 V
CT
= 40 pF typical load circuit capacitance
Figure 5−1. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com