Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5401 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 61Page - Texas Instruments TMS320VC5401 Datasheet HTML 62Page - Texas Instruments TMS320VC5401 Datasheet HTML 63Page - Texas Instruments TMS320VC5401 Datasheet HTML 64Page - Texas Instruments TMS320VC5401 Datasheet HTML 65Page - Texas Instruments TMS320VC5401 Datasheet HTML 66Page - Texas Instruments TMS320VC5401 Datasheet HTML 67Page - Texas Instruments TMS320VC5401 Datasheet HTML 68Page - Texas Instruments TMS320VC5401 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
Electrical Specifications
65
December 2000 − Revised February 2004
SPRS153C
5.12 Instruction Acquisition (IAQ) and Interrupt Acknowledge (IACK) Timings
Table 5−18 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 5−17).
Table 5−18. Instruction Acquisition (IAQ) and Interrupt Acknowledge (IACK) Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(CLKL-IAQL)
Delay time, CLKOUT low to IAQ low
−3
5
ns
td(CLKL-IAQH)
Delay time, CLKOUT low to IAQ high
−3
5
ns
td(A)IAQ
Delay time, address valid to IAQ low
3
ns
td(CLKL-IACKL)
Delay time, CLKOUT low to IACK low
−3
5
ns
td(CLKL-IACKH)
Delay time , CLKOUT low to IACK high
−3
5
ns
td(A)IACK
Delay time, address valid to IACK low
5
ns
th(A)IAQ
Hold time, IAQ high after address invalid
−4
ns
th(A)IACK
Hold time, IACK high after address invalid
−4
ns
tw(IAQL)
Pulse duration, IAQ low
2H−4
ns
tw(IACKL)
Pulse duration, IACK low
2H−4
ns
MSTRB
IACK
IAQ
A[19:0]
CLKOUT
td(A)IACK
td(A)IAQ
tw(IACKL)
th(A)IACK
td(CLKL-IACKL)
tw(IAQL)
th(A)IAQ
td(CLKL-IAQL)
td(CLKL-IACKH)
td(CLKL-IAQH)
Figure 5−17. IAQ and IACK Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com