Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 31 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 31 Page - Micronas

Back Button MSP4458G Datasheet HTML 27Page - Micronas MSP4458G Datasheet HTML 28Page - Micronas MSP4458G Datasheet HTML 29Page - Micronas MSP4458G Datasheet HTML 30Page - Micronas MSP4458G Datasheet HTML 31Page - Micronas MSP4458G Datasheet HTML 32Page - Micronas MSP4458G Datasheet HTML 33Page - Micronas MSP4458G Datasheet HTML 34Page - Micronas MSP4458G Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
31
SCART SWITCHES AND DIGITAL I/O PINS
00 13hex
ACB Register
Defines the level of the digital output pins and the position of the SCART switches
bit[15]
0/1
low/high of digital output pin D_CTR_I/O_0
(MODUS[3]=0)
bit[14]
0/1
low/high of digital output pin D_CTR_I/O_1
(MODUS[3]=0)
bit[13:5]
SCART DSP Input Select
xxxx00 xx0
SCART1 to DSP input (RESET position)
xxxx01 xx0
MONO to DSP input (Sound A Mono must be selected in
the channel matrix mode for the corresponding output
channels)
xxxx10 xx0
SCART2 to DSP input
xxxx11 xx0
SCART3 to DSP input
xxxx00 xx1
SCART4 to DSP input
xxxx11 xx1
mute DSP input
bit[13:5]
SCART1 Output Select
xx00xx x0x
SCART3 input to SCART1 output (RESET position)
xx01xx x0x
SCART2 input to SCART1 output
xx10xx x0x
MONO input to SCART1 output
xx11xx x0x
SCART1 DA to SCART1 output
xx00xx x1x
SCART2 DA to SCART1 output
xx01xx x1x
SCART1 input to SCART1 output
xx10xx x1x
SCART4 input to SCART1 output
xx11xx x1x
mute SCART1 output
bit[13:5]
SCART2 Output Select
00xxxx 0xx
SCART1 DA to SCART2 output (RESET position)
01xxxx 0xx
SCART1 input to SCART2 output
10xxxx 0xx
MONO input to SCART2 output
00xxxx 1xx
SCART2 DA to SCART2 output
01xxxx 1xx
SCART2 input to SCART2 output
10xxxx 1xx
SCART3 input to SCART2 output
11xxxx 1xx
SCART4 input to SCART2 output
11xxxx 0xx
mute SCART2 output
The RESET position becomes active at the time of the first write transmission on
the control bus to the audio processing part. By writing to the ACB register first,
the RESET state can be redefined.
ACB_REG
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com