Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 42 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 42 Page - Micronas

Back Button MSP4458G Datasheet HTML 38Page - Micronas MSP4458G Datasheet HTML 39Page - Micronas MSP4458G Datasheet HTML 40Page - Micronas MSP4458G Datasheet HTML 41Page - Micronas MSP4458G Datasheet HTML 42Page - Micronas MSP4458G Datasheet HTML 43Page - Micronas MSP4458G Datasheet HTML 44Page - Micronas MSP4458G Datasheet HTML 45Page - Micronas MSP4458G Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
42
Micronas
4.3. Pin Descriptions
Pin numbers refer to the 80-pin PQFP package.
Pin 1, NC – Pin not connected.
Pin 2, I2C_CL – I2C Clock Input/Output (Fig. 4–8)
Via this pin, the I2C-bus clock signal has to be sup-
plied. The signal can be pulled down by the MSP in
case of wait conditions.
Pin 3, I2C_DA – I2C Data Input/Output (Fig. 4–8)
Via this pin, the I2C-bus data is written to or read from
the MSP.
Pin 4, I2S_CL – I2S Clock Input/Output (Fig. 4–11)
Clock line for the synchronous I2S bus. In master
mode, this line is driven by the MSP; in slave mode, an
external I2S clock has to be supplied.
Pin 5, I2S_WS – I2S Word Strobe Input/Output
(Fig. 4–11)
Word strobe line for the synchronous I2S bus. In mas-
ter mode, this line is driven by the MSP; in slave mode,
an external I2S word strobe has to be supplied.
Pin 6, I2S_DA_OUT1 – I2S Data Output (Fig. 4–7)
Output of digital serial sound data of the MSP on the
synchronous I2S bus.
Pin 7, I2S_DA_IN1 – I2S Data Input 1 (Fig. 4–9)
First input of digital serial sound data to the MSP via
the synchronous I2S bus.
Pin 8, ADR_DA – ADR Bus Data Output (Fig. 4–7)
Output of digital serial data to the DRP 3510A via the
ADR bus.
Pin 9, ADR_WS – ADR Bus Word Strobe Output
(Fig. 4–7)
Word strobe output for the ADR bus.
Pin 10, ADR_CL – ADR Bus Clock Output (Fig. 4–7)
Clock line for the ADR bus.
Pins 11, 12, 13, DVSUP* – Digital Supply Voltage
Power supply for the digital circuitry of the MSP. Must
be connected to a
+5 V power supply.
Pins 14, 15, 16, DVSS* – Digital Ground
Ground connection for the digital circuitry of the MSP.
Pin 17, I2S_DA_IN2 – I2S Data Input 2 (Fig. 4–9)
Second input of digital serial sound data to the MSP
via the synchronous I2S bus. In all packages except
PQFP80, this pin is also connected to the asynchro-
nous I2S interface 3.
Pins 18, NC – Pin not connected.
Pins 19, I2S_CL3 – I2S Clock Input (Fig. 4–9)
Clock line for the asynchronous I2S bus. Since only a
slave mode is available an external I2S clock has to be
supplied.
Pins 20, I2S_WS3 – I2S Word Strobe Input (Fig. 4–9)
Word strobe line for the asynchronous I2S bus. Since
only a slave mode is available an external I2S word
strobe has to be supplied.
Pin 21, RESETQ – Reset Input (Fig. 4–9)
In the steady state, high level is required. A low level
resets the MSP 44x8G.
Pin 22, I2S_DA_IN3 – I2S Data Input 3 (Fig. 4–9)
Input of digital serial sound data to the MSP via the
asynchronous
I2S
bus.
In
all
packages
except
PQFP80, this pin is also connected to synchronous I2S
interface 2.
Pins 23, NC – Pin not connected.
Pins 24, 25, DACA_R/L – Aux Outputs (Fig. 4–17)
Output of the Aux signal. A 1 nF capacitor to AHVSS
must be connected to these pins. The DC offset on
these pins depends on the selected Aux volume.
Pin 26, VREF2 – Reference Ground 2
Reference analog ground. This pin must be connected
separately to the ground (AHVSS). VREF2 serves as a
clean ground and should be used as the reference for
analog connections to the Main and Aux outputs.
Pins 27, 28, DACM_R/L – Main Outputs
(Fig. 4–17)
Output of the Main signal. A 1 nF capacitor to AHVSS
must be connected to these pins. The DC offset on
these pins depends on the selected Main volume.
Pin 29, 30, 31, 32 NC – Pin not connected.
Pins 33, 34, SC2_OUT_R/L – SCART2 Outputs
(Fig. 4–19)
Output of the SCART2 signal. Connections to these
pins must use a 100-
Ω series resistor and are intended
to be AC-coupled.
Pin 35, VREF1 – Reference Ground 1
Reference analog ground. This pin must be connected
separately to the ground (AHVSS). VREF1 serves as a
clean ground and should be used as the reference for
analog connections to the SCART outputs.
Pins 36, 37, SC1_OUT_R/L – SCART1 Outputs
(Fig. 4–19)
Output of the SCART1 signal. Connections to these
pins must use a 100-
Ω series resistor and are intended
to be AC-coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com