Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 56 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 56 Page - Micronas

Back Button MSP4458G Datasheet HTML 52Page - Micronas MSP4458G Datasheet HTML 53Page - Micronas MSP4458G Datasheet HTML 54Page - Micronas MSP4458G Datasheet HTML 55Page - Micronas MSP4458G Datasheet HTML 56Page - Micronas MSP4458G Datasheet HTML 57Page - Micronas MSP4458G Datasheet HTML 58Page - Micronas MSP4458G Datasheet HTML 59Page - Micronas MSP4458G Datasheet HTML 60Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
56
Micronas
4.6.3.3. Reset Input and Power-Up
Fig. 4–20: Power-up sequence
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RESETQ Input Levels
VRHL
Reset High-Low Transition Voltage
RESETQ
0.45
0.55
VSUP2
VRLH
Reset Low-High Transition Voltage
0.7
0.8
VSUP2
ZRES
Input Impedance
5
pF
IRES
Input Pin Leakage Current
-1
1
µA0 V < U
INPUT< DVSUP
VSUP2 − 10%
Internal
Reset
t/ms
RESETQ
AVSUP
DVSUP
High
Low
t/ms
t/ms
Low-to-High
Threshold
High-to-Low
Threshold
Reset Delay
>2 ms
Note: The reset should
not reach high level
before the oscillator has
started. This requires a
reset delay of >2 ms
0.7 x VSUP2 means
3.5 Volt with
VSUP2 = 5.0 V
0.7
×V
SUP2
0.45...0.55
×V
SUP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com