Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 77 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 77 Page - Micronas

Back Button MSP4458G Datasheet HTML 73Page - Micronas MSP4458G Datasheet HTML 74Page - Micronas MSP4458G Datasheet HTML 75Page - Micronas MSP4458G Datasheet HTML 76Page - Micronas MSP4458G Datasheet HTML 77Page - Micronas MSP4458G Datasheet HTML 78Page - Micronas MSP4458G Datasheet HTML 79Page - Micronas MSP4458G Datasheet HTML 80Page - Micronas MSP4458G Datasheet HTML 81Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
77
6.3.4. DCO-Registers
Note: The use of this register is not recommended. It
should be used only in cases where non-standard car-
rier frequencies have to be processed. Please note,
that the usage of user specific demodulation frequen-
cies is not possible in combination with the Automatic
Sound Select (MODUS[0]=1).
When selecting a TV-sound standard by means of the
STANDARD SELECT register, all frequency tuning is
performed automatically.
If manual setting of the tuning frequency is required, a
set of 24-bit registers determining the mixing frequen-
cies of the quadrature mixers can be written manually
into the MSP. In Table 6–9, examples for DCO register
programming are listed. It is necessary to separate
these registers into two categories: low part and high
part. The formula for the calculation of the INCR val-
ues for any chosen IF frequency is as follows:
INCRdec = int (f / fs ⋅ 2
24)
with: int = integer function
f
= IF frequency in MHz
fS = sampling frequency (18.432 MHz)
Conversion of INCR into hex-format and separation of
the 12-bit low and high parts lead to the required regis-
ter values (DCO1_HI and _LO for MSP-Ch1, DCO2_HI
and _LO for MSP-Ch2).
6.4. Manual Mode:
Description of Demodulator Read Registers
Note: This register should be used only in cases
where software compatibility to the MSP 44x0D is
required. Using the STANDARD SELECTION register
together with the STATUS register provides a more
economic way to program the MSP 44x8G and to
retrieve information from the MSP.
All registers except C_AD_BITs are 8 bits wide. They
can be read out of the RAM of the MSP 44x8G.
All transmissions take place in 16-bit words. The valid
8-bit data are the 8 LSBs of the received data word.
If the Automatic Sound Select feature is not used, the
NICAM or FM-identification parameters must be read
and evaluated by the controller in order to enable
appropriate switching of the channel select matrix of
the baseband processing part. The FM-identification
registers are described in Section 6.6.1. To handle the
NICAM-sound and to observe the NICAM-quality, at
least the registers C_AD_BITS and ERROR_RATE
must be read and evaluated by the controller. Addi-
tional data bits and CIB bits, if supplied by the NICAM
transmitter, can be obtained by reading the registers
ADD_BITS and CIB_BITS.
Table 6–9: DCO registers for the MSP 44x8G; reset status: DCO_HI/LO = “00 00”
DCO1_LO 00 93hex, DCO1_HI 00 9Bhex; DCO2_LO 00 A3hex, DCO2_HI 00 ABhex
IF-Freq. [MHz]
DCO_HI [hex]
DCO_LO [hex]
IF-Freq. [MHz]
DCO_HI [hex]
DCO_LO [hex]
4.5
03E8
0000
5.04
5.5
5.58
5.7421875
04 60
04 C6
04 D8
04 FC
00 00
03 8E
00 00
00 AA
5.76
5.85
5.94
05 00
05 14
05 28
00 00
00 00
00 00
6.0
6.2
6.5
6.552
05 35
05 61
05 A4
05 B0
05 55
0C 71
07 1C
00 00
6.6
6.65
6.8
05 BA
05 C5
05 E7
0A AA
0C 71
01 C7
7.02
06 18
00 00
7.2
06 40
00 00
7.38
06 68
00 00
7.56
06 90
00 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com